Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 134 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 134 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 130Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 131Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 132Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 133Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 134Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 135Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 136Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 137Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 241 page
background image
Table 33. Current consumption in VBAT1 mode
Evaluated by characterization, not tested in production unless otherwise specified.
D3 (CPU3) in SRun3 (DRun).
Symbol
Parameter
Conditions
Typ
Max
Unit
RTC/LSE BKPSRAM RETRAM LPSRAM1 VBAT voltage
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
125 °C
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
125 °C
IBAT
Supply current in VBAT1
mode (D3 clocked by
MSI 4 MHz)
RTC ON,
LSE ON(1)
OFF
OFF
ON
VBAT = 2.4 V
245
1300
2200
3650
590
3300
5300
8500
μA
VBAT = 3.0 V
250
1300
2200
3650
590
3300
5300
8500
VBAT = 3.3 V
255
1300
2200
3650
590
3300
5400
8500
VBAT = 3.6 V
255
1350
2200
3700
600
3400
5400
8600
IBAT
Supply current in VBAT1
mode (D3 clocked by
MSI 16 MHz)
RTC ON,
LSE ON(1)
OFF
OFF
ON
VBAT = 2.4 V
490
1550
2450
3900
840
3600
5600
8800
μA
VBAT = 3.0 V
495
1550
2450
3900
850
3600
5600
8800
VBAT = 3.3 V
495
1550
2450
3900
850
3600
5600
8800
VBAT = 3.6 V
500
1600
2450
3950
850
3600
5600
8800
1. LSE is set to medium-high drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com