Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 133 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 133 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 129Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 130Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 131Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 132Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 133Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 134Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 135Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 136Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 241 page
background image
Table 32. Current consumption in Standby2 mode
Evaluated by characterization, not tested in production unless otherwise specified.
VDDCORE, VDDCPU and VDDGPU are shutdown.
D3 (CPU3) in CStop (SStandby).
Symbol
Parameter
Conditions
Typ
Max
Unit
RTC/LSE
BKPSRAM RETRAM LPSRAM1 VDD voltage
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
125 °C
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
125 °C
IDD
Supply current in
Standby2 mode
OFF
OFF
OFF
OFF
VDD = 3.3 V(1)
2.45
4
5.55
8.25
3.2
7.4
11
17
mA
RTC ON,
LSE ON(2)
2.05
2.2
2.45
2.8
3.4
3.4
3.7
18
mA
ON
2.05
2.3
2.5
2.9
3.3
3.3
3.8
18
mA
OFF
ON
2.05
2.5
3.1
4.1
3.2
3.9
4.8
17
mA
OFF
ON
2.05
2.3
2.5
2.9
3.3
3.3
3.8
18
mA
ON
ON
2.05
2.55
3.25
4.35
3.2
4.2
5.1
17
mA
Supply current in
Standby2 mode
OFF
OFF
OFF
OFF
VDD = 1.8 V(3)
960
2600
4100
6750
1800
5700
8500
15000
μA
RTC ON,
LSE ON(2)
560
955
1050
1400
1700
1900
1900
17000
μA
ON
560
960
1150
1500
1700
1800
2300
16000
μA
OFF
ON
575
1300
1750
2700
1700
2400
3200
15000
μA
OFF
ON
560
955
1150
1500
1700
1800
2200
16000
μA
ON
ON
600
1350
1850
2950
1700
2600
3600
15000
μA
IDDA18AON
Supply current in
Standby2 mode
OFF
OFF
OFF
OFF
VDD = 3.3 V(1)
31.5
41
55.5
60
79
91
130
140
μA
VDD = 1.8 V(3)
60
80
80
90.5
110
150
160
180
μA
RTC ON,
LSE ON(2)
ON
ON
ON
VDD = 3.3 V(1)
30.5
41.5
56
60
79
93
130
140
μA
VDD = 1.8 V(3)
60
80
80
86
110
150
160
190
μA
1. Typical values given for VDD = 3.3 V, maximum values for VDD = 3.6 V.
2. LSE is set to medium-high drive.
3. typical values given for VDD = 1.8 V, maximum values for VDD = 1.89 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com