Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 129 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 125Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 126Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 127Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 128Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 129Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 130Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 131Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 132Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 241 page
background image
Symbol
Parameter
Conditions
Typ
Max
Unit
D1 (CPU1)
mode
D2 (CPU2)
mode
D3 (CPU3)
(1)
mode
CPU3 clk
(MHz)
VDD
voltage
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
125 °C
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
125 °C
IDDGPU(3)
Supply current in
LPLV-Stop2 mode
DStandby
(CStandby)
LPLV-
Stop2(2)
(CStop)
SRun3
(CRun)
LSE
0.032768
-
-(4)
-
IDD
VDD =
3.3 V(5)
2.9
5.45
7.8
12
4.5
11
15
35
mA
VDD =
1.8 V(6)
1.55
4.05
6.4
10.5
3
8.7
14
34
mA
IDDA18
-
-(4)
-
IDDA18AON
VDD =
3.3 V(5)
250
270
275
285
580
330
340
360
μA
VDD =
1.8 V(6)
280
300
305
320
520
370
390
440
μA
IDDCORE
Supply current in
LPLV-Stop2 mode
DStandby
(CStandby)(7)
LPLV-
Stop2(2)
(CStop)
SRun3
(CSleep)
MSI 4
-
16
110
190
320
63
320
490
810
mA
IDDCPU
-(4)
-
IDDGPU(3)
-(4)
-
IDD
VDD =
3.3 V(5)
2.95
5.55
7.9
12
4.1
11
15
24
mA
VDD =
1.8 V(6)
1.6
4.15
6.5
10.5
2.6
8.8
14
22
mA
IDDA18
-
-(4)
-
IDDA18AON
VDD =
3.3 V(5)
250
270
275
285
320
330
340
390
μA
VDD =
1.8 V(6)
280
300
305
320
370
370
390
460
μA
IDDCORE
LSE
0.032768
-
16
110
190
320
110
320
490
820
mA
IDDCPU
-(4)
-
IDDGPU(3)
-(4)
-
IDD
VDD =
3.3 V(5)
2.9
5.45
7.8
12
4.5
11
15
36
mA
VDD =
1.8 V(6)
1.55
4.05
6.4
10.5
3
8.7
14
34
mA
IDDA18
-
-(4)
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com