Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS72012 Datasheet(PDF) 77 Page - Amphenol CIT.

Part # SS72012
Description  The Wire & Cable Book
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIT [Amphenol CIT.]
Direct Link  https://www.amphenol-cit.com/
Logo ACIT - Amphenol CIT.

SS72012 Datasheet(HTML) 77 Page - Amphenol CIT.

Back Button SS72012 Datasheet HTML 73Page - Amphenol CIT. SS72012 Datasheet HTML 74Page - Amphenol CIT. SS72012 Datasheet HTML 75Page - Amphenol CIT. SS72012 Datasheet HTML 76Page - Amphenol CIT. SS72012 Datasheet HTML 77Page - Amphenol CIT. SS72012 Datasheet HTML 78Page - Amphenol CIT. SS72012 Datasheet HTML 79Page - Amphenol CIT. SS72012 Datasheet HTML 80Page - Amphenol CIT. SS72012 Datasheet HTML 81Page - Amphenol CIT. Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 144 page
background image
73
Aerospace | Military | Transportation | Industrial | Specialty
M27500 Cables—types WC and WE (M22759/81, /82 components)
Jacket material—24
M27500 - 22 WE1N24
Component wire AWG
Component wire type
WE: MIL-DTL-22759/82
WC: MIL-DTL-22759/81
: PTFE/Polyimide tape with
PTFE tape outer layer
Number of component wires
Shield material—N: Nickel-plated copper
M27500 WC and WE cables
are shielded and
jacketed cables with a jacket of FEP/polyimide tape
covered by a PTFE tape outer layer, incorporating
MIL-DTL-22759/81 or /82 wires.
These component wires have a light-weight
composite insulation of PTFE/polyimide/PTFE tape,
covered with PTFE tape, and silver- or nickel-plated
high-strength copper alloy conductors.
These cables can be supplied with Seamless Wrap
PTFE tape component wire insulation and jacket
(see page 87 for details and part numbers).
Performance:
Voltage rating:
600V.
Temperature rating:
-55 to 200˚ C.
See page 47 for component wire dimensions.
Construction Details
Component wire conductor:
/81 component wires: Silver-plated high-strength
copper alloy;
/82 component wires: Nickel-plated high-strength
copper alloy.
Component wire insulation:
Inner layer: PTFE/polyimide/PTFE tape;
Outer layer: PTFE tape.
Shield:
Nickel-plated copper braid, 85% coverage.
Jacket:
Inner layer: FEP/polyimide tape;
Outer layer: PTFE tape.
Colors:
Color coded to M27500 (see page 67).
Certifications also available to NEMA WC27500.
Component Wire
Shield
Jacket
Weight
AWG (Stranding)
Diameter
Diameter
20
(19/32)
.066 (1.68)
.075 (1.90)
8.17 (12.2)
22
(19/34)
.058 (1.47)
.067 (1.69)
6.17 (9.18)
24
(19/36)
.052 (1.32)
.061 (1.54)
5.07 (7.54)
26
(19/38)
.048 (1.22)
.057 (1.44)
4.62 (6.88)
Component Wire
Shield
Jacket
Weight
AWG (Stranding)
Diameter
Diameter
20
(19/32)
.116 (2.95)
.125 (3.17)
14.8 (22.1)
22
(19/34)
.100 (2.54)
.109 (2.76)
10.8 (16.1)
24
(19/36)
.088 (2.24)
.097 (2.45)
8.24 (12.3)
26
(19/38)
.080 (2.03)
.089 (2.25)
6.67 (9.93)
Dimensions and Weight—1 Conductor Cables
Dimensions and Weight—2 Conductor Cables
Dimensions and Weight—3 Conductor Cables*
Dimensions and Weight—4 Conductor Cables
Component Wire
Shield
Jacket
Weight
AWG (Stranding)
Diameter
Diameter
20
(19/32)
.124 (3.14)
.132 (3.36)
20.1 (30.0)
22
(19/34)
.106 (2.70)
.115 (2.92)
14.5 (21.5)
24
(19/36)
.093 (2.37)
.102 (2.59)
10.5 (15.6)
26
(19/38)
.085 (2.15)
.093 (2.37)
8.76 (13.0)
Component Wire
Shield
Jacket
Weight
AWG (Stranding)
Diameter
Diameter
20
(19/32)
.137
(3.5)
.145 (3.69)
25.6 (38.0)
22
(19/34)
.117
(3.0)
.126 (3.20)
18.1 (27.0)
24
(19/36)
.103
(2.6)
.111 (2.83)
13.1 (19.4)
26
(19/38)
.093
(2.4)
.102 (2.58)
10.6 (15.7)
Part Numbers:
Dimensions in inches (mm). Weights in pounds/1000 feet (Kg/1000 M). All values are nominal. *Using factors from a circumscribed circle per M27500.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com