Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS72012 Datasheet(PDF) 7 Page - Amphenol CIT.

Part # SS72012
Description  The Wire & Cable Book
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIT [Amphenol CIT.]
Direct Link  https://www.amphenol-cit.com/
Logo ACIT - Amphenol CIT.

SS72012 Datasheet(HTML) 7 Page - Amphenol CIT.

Back Button SS72012 Datasheet HTML 3Page - Amphenol CIT. SS72012 Datasheet HTML 4Page - Amphenol CIT. SS72012 Datasheet HTML 5Page - Amphenol CIT. SS72012 Datasheet HTML 6Page - Amphenol CIT. SS72012 Datasheet HTML 7Page - Amphenol CIT. SS72012 Datasheet HTML 8Page - Amphenol CIT. SS72012 Datasheet HTML 9Page - Amphenol CIT. SS72012 Datasheet HTML 10Page - Amphenol CIT. SS72012 Datasheet HTML 11Page - Amphenol CIT. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 144 page
background image
3
Aerospace | Military | Transportation | Industrial | Specialty
LTE extruded expanded air-spaced PTFE dielectric
• Velocity of propagation up to 85%
• Dielectric constant of 1.38
• Low capacitance
• Increased phase stability
• High air percentage by volume
• Space savings up to 40%
• Velocity of propagation up to 85%
• Dielectric constant of 1.38
• Low capacitance
• Increased phase stability
• High air percentage by volume
• Space savings up to 40%
LTE dielectric—high speed, low loss, light weight.
Thermax LTE is a patented extruded expanded low-density PTFE dielectric offering multiple advantages,
not only over solid PTFE, but other air-spaced constructions as well.
Unlike closed-cell foam, perforated-tape, or filament / air-spaced types, LTE does not lose mechanical strength
at high percentages of air. In fact, LTE maintains structural integrity at up to 70% air by volume. Because the air
is introduced into the PTFE during the extrusion process, LTE has a homogenous dispersion of air within its
structure, providing highly-consistent performance from lot to lot and within a length of cable.
Other advantages of LTE construction include:
• 50Ω, 75Ω, and 95Ω impedance standard; other impedances available.
• Lower capacitance at all impedances.
• Lower attenuation.
• 260˚ C temperature rating, with stable performance at elevated temperatures.
• Enhanced cable flexibility.
• High-performance replacements for MIL-C-17 cables such as RG-142, 179, 393, and 400.
• Twinaxial types, both parallel and twisted pair.
See page 4 for 100 Base-T Ethernet cables with LTE insulation; page 14 for twinaxial and high-speed
miniature cables with LTE dielectrics; and page 17 for coaxial LTE cables. Other cable types are also
available with LTE dielectrics; just contact your Thermax representative with your requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com