Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS72012 Datasheet(PDF) 49 Page - Amphenol CIT.

Part # SS72012
Description  The Wire & Cable Book
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIT [Amphenol CIT.]
Direct Link  https://www.amphenol-cit.com/
Logo ACIT - Amphenol CIT.

SS72012 Datasheet(HTML) 49 Page - Amphenol CIT.

Back Button SS72012 Datasheet HTML 45Page - Amphenol CIT. SS72012 Datasheet HTML 46Page - Amphenol CIT. SS72012 Datasheet HTML 47Page - Amphenol CIT. SS72012 Datasheet HTML 48Page - Amphenol CIT. SS72012 Datasheet HTML 49Page - Amphenol CIT. SS72012 Datasheet HTML 50Page - Amphenol CIT. SS72012 Datasheet HTML 51Page - Amphenol CIT. SS72012 Datasheet HTML 52Page - Amphenol CIT. SS72012 Datasheet HTML 53Page - Amphenol CIT. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 144 page
background image
45
Aerospace | Military | Transportation | Industrial | Specialty
MIL-W-22759/28, /29 wire—PTFE/polyimide insulation
MIL-W-22759/28 and /29
wires have extruded PTFE
insulation with a polyimide hard coat for increased
cut-through and abrasion resistance.
These wires are designed for aerospace and other
applications requiring excellent thermal stability,
tight dimensional tolerances, and high reliability.
These wires are especially well-suited in applications
where smoke emission, overload stability, and
flammability are major concerns.
For versions of these wires with high-strength
copper alloy conductor, see M22759/30 and /31
(following page).
Performance:
Voltage rating:
600V.
Temperature rating:
/28: -55 to 200˚ C
/29: -55 to 260˚ C
Construction Details
Insulation:
Extruded PTFE with polyimide hard coat.
Conductor:
/28: Silver-plated copper;
/29: Nickel-plated copper.
Colors:
Color coded to MIL-STD-104 (before hard coat).
Identification:
to M22759.
M22759
AWG
Stranding
Conductor
Insulation Diameter
Weight
Maximum
Thermax
P/N
Size
Diameter
Minimum
Maximum
Resistance
P/N
M22759/28-14-*
14
19/27
.067 (1.70)
.088 (2.24)
.094
(2.39)
14.8 (22.0)
2.88 (9.45)
14-ATEH-1927
M22759/28-16-*
16
19/29
.053 (1.35)
.073 (1.85)
.079
(2.01)
9.75 (14.5)
4.52 (14.8)
16-ATEH-1929
M22759/28-18-*
18
19/30
.047 (1.19)
.067 (1.70)
.071
(1.80)
7.68 (11.4)
5.79 (19.0)
18-ATEH-1930
M22759/28-20-*
20
19/32
.038
(.97)
.057 (1.45)
.061
(1.55)
5.24 (7.80)
9.19 (30.1)
20-ATEH-1932
M22759/28-22-*
22
19/34
.030
(.76)
.048 (1.22)
.052
(1.32)
3.51 (5.22)
15.1 (49.5)
22-ATEH-1934
M22759/28-24-*
24
19/36
.024
(.61)
.042 (1.07)
.046
(1.17)
2.47 (3.68)
24.3 (79.7)
24-ATEH-1936
M22759/28-26-*
26
19/38
.019
(.48)
.037
(.94)
.041
(1.04)
1.80 (2.68)
38.4 (126)
26-ATEH-1938
M22759/28-28-*
28
7/36
.015
(.38)
.032
(.81)
.036
(.91)
1.27 (1.89)
63.8 (209)
28-ATEH-736
Dimensions, Resistance, and Weights—M22759/28 (silver-plated conductor)
Dimensions in inches (mm). Weights in pounds/1000 feet (Kg/1000 M). Resistance in Ω/1,000 feet (Ω/Km), @20˚ C.
All values are nominal unless otherwise indicated.
*
Add color coding (applicable to inner PTFE insulation only) per MIL-STD-104 (see page 36).
M22759
AWG
Stranding
Conductor
Insulation Diameter
Weight
Maximum
Thermax
P/N
Size
Diameter
Minimum
Maximum
Resistance
P/N
M22759/29-14-*
14
19/27
.067 (1.70)
.088 (2.24)
.094
(2.39)
14.8 (22.0)
3.00 (9.84)
14-ATENH-1927
M22759/29-16-*
16
19/29
.053 (1.35)
.073 (1.85)
.079
(2.01)
9.75 (14.5)
4.76 (15.6)
16-ATENH-1929
M22759/29-18-*
18
19/30
.047 (1.19)
.067 (1.70)
.071
(1.80)
7.68 (11.4)
6.10 (20.0)
18-ATENH-1930
M22759/29-20-*
20
19/32
.038
(.97)
.057 (1.45)
.061
(1.55)
5.24 (7.80)
9.77 (32.0)
20-ATENH-1932
M22759/29-22-*
22
19/34
.030
(.76)
.048 (1.22)
.052
(1.32)
3.51 (5.22)
16.0 (52.5)
22-ATENH-1934
M22759/29-24-*
24
19/36
.024
(.61)
.042 (1.07)
.046
(1.17)
2.47 (3.68)
25.9 (85.0)
24-ATENH-1936
M22759/29-26-*
26
19/38
.019
(.48)
.037
(.94)
.041
(1.04)
1.80 (2.68)
42.2 (138)
26-ATENH-1938
M22759/29-28-*
28
7/36
.015
(.38)
.032
(.81)
.036
(.91)
1.27 (1.89)
67.9 (223)
28-ATENH-736
Dimensions, Resistance, and Weights—M22759/29 (nickel-plated conductor)
Dimensions in inches (mm). Weights in pounds/1000 feet (Kg/1000 M). Resistance in Ω/1,000 feet (Ω/Km), @20˚ C.
All values are nominal unless otherwise indicated.
*
Add color coding (applicable to inner PTFE insulation only) per MIL-STD-104 (see page 36).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com