Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS72012 Datasheet(PDF) 99 Page - Amphenol CIT.

Part # SS72012
Description  The Wire & Cable Book
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIT [Amphenol CIT.]
Direct Link  https://www.amphenol-cit.com/
Logo ACIT - Amphenol CIT.

SS72012 Datasheet(HTML) 99 Page - Amphenol CIT.

Back Button SS72012 Datasheet HTML 95Page - Amphenol CIT. SS72012 Datasheet HTML 96Page - Amphenol CIT. SS72012 Datasheet HTML 97Page - Amphenol CIT. SS72012 Datasheet HTML 98Page - Amphenol CIT. SS72012 Datasheet HTML 99Page - Amphenol CIT. SS72012 Datasheet HTML 100Page - Amphenol CIT. SS72012 Datasheet HTML 101Page - Amphenol CIT. SS72012 Datasheet HTML 102Page - Amphenol CIT. SS72012 Datasheet HTML 103Page - Amphenol CIT. Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 144 page
background image
95
Aerospace | Military | Transportation | Industrial | Specialty
UL Approved Wire—Mica/PTFE/Glass Braid, PFA Insulation
Insulation
UL
Temperature
Voltage
Insulation Wall
AWG
Conductor
Page
Material
Style
Rating
Rating
Thickness (Min.)
Size Range
Types
.0055
(.14)
20–32
PFA
1538
105
125
.008
(.20)
15–19
Ni, NPC, SPC
102
.013
(.33)
10–14
.020
(.51)
6–9
PFA
1709
200
300
.013
(.33)
10–32
BC, NC, Ni, NPC, SPC, TPC
**
.020
(.51)
10–30
PFA
1710
200
600
.030
(.76)
2–8
BC, NC, Ni, NPC, SPC, TPC
**
.045
(1.14)
4/0–1
.0055
(.14)
20–38
PFA
1716
150
150
.008
(.20)
15–19
Ni, NPC, SPC
**
.013
(.33)
10–14
.020
(.51)
8
.013
(.33)
10–32
PFA
1726
250
300
.020
(.51)
6–8
NC, Ni, NPC, SPC
106
.030
(.76)
2–4
.045
(1.14)
4/0–1
.020
(.51)
10–32
PFA
1727
250
600
.030
(.76)
2–8
NC, Ni, NPC, SPC
107
.045
(1.14)
4/0–1
PFA
1857
150
150
.010
(.25)
16–32
BC, NC, Ni, NPC, SPC, TPC
**
PFA
1858
150
300
.013
(.33)
10–32
BC, NC, Ni, NPC, SPC, TPC
**
.020
(.51)
10–32
PFA
1859
150
600
.030
(.76)
2–8
BC, NC, Ni, NPC, SPC, TPC
**
.045
(1.14)
4/0–1
PFA
1860
200
150
.010
(.25)
16–32
BC, NC, Ni, NPC, SPC, TPC
**
UL-Approved Wires—PFA (Perfluoroalkoxy) Insulation
Dimensions in inches (mm). • Temperature rating in ˚ C, maximum. • Voltage rating in volts AC, RMS.
**Contact your Thermax representative for availability. • All values are nominal unless otherwise indicated.
Insulation
UL
Temperature
Voltage
Insulation Wall
AWG
Conductor
Page
Material
Style
Rating
Rating
Thickness (Min.)
Size Range
Types
.012 (.30) / .005 (.13) / .0075 (.19)
12–22
Mica / PTFE / Glass Braid
5259
250
600
.020 (.51) / .005 (.13) / .0075 (.19)
6–10
NC, Ni
**
.030 (.76) / .010 (.25) / .0075 (.19)
4/0–4
UL-Approved Wires—Mica / PTFE / Glass Braid Insulation
Dimensions in inches (mm). • Temperature rating in ˚ C, maximum. • Voltage rating in volts AC, RMS.
All values are nominal unless otherwise indicated.
Conductor Materials Abbreviations
BC: Bare (unplated) copper
NC: 27% nickel-coated copper
Ni: Nickel
NPC: Nickel-plated copper
SPC: Silver-plated copper
TPC: Tin-plated copper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com