Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS72012 Datasheet(PDF) 96 Page - Amphenol CIT.

Part # SS72012
Description  The Wire & Cable Book
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIT [Amphenol CIT.]
Direct Link  https://www.amphenol-cit.com/
Logo ACIT - Amphenol CIT.

SS72012 Datasheet(HTML) 96 Page - Amphenol CIT.

Back Button SS72012 Datasheet HTML 92Page - Amphenol CIT. SS72012 Datasheet HTML 93Page - Amphenol CIT. SS72012 Datasheet HTML 94Page - Amphenol CIT. SS72012 Datasheet HTML 95Page - Amphenol CIT. SS72012 Datasheet HTML 96Page - Amphenol CIT. SS72012 Datasheet HTML 97Page - Amphenol CIT. SS72012 Datasheet HTML 98Page - Amphenol CIT. SS72012 Datasheet HTML 99Page - Amphenol CIT. SS72012 Datasheet HTML 100Page - Amphenol CIT. Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 144 page
background image
92
Aerospace | Military | Transportation | Industrial | Specialty
UL and CSA Approved Wire and Cable
Insulation
Temperature
Voltage
Insulation Wall
AWG
Conductor
Page
Material
Rating
Rating
Thickness (Min.)
Size Range
Types
ETFE
105
150
.005
(.13)
20–32
NI, NPC, SPC, TPC
103
ETFE
105
300
.010
(.25)
16–30
NI, NPC, SPC, TPC
**
ETFE
200
300
.007
(.13)
10–36
NI, NPC, SPC, TPC
110
ETFE
200
600
.010
(.25)
10–36
NI, NPC, SPC, TPC
109
FEP
180
150
.008
(.20)
16–32
NI, NPC, SPC, TPC
**
FEP
180
300
.013
(.33)
10–28
NI, NPC, SPC, TPC
**
FEP
180
600*
.020
(.51)
10–28
NI, NPC, SPC, TPC
**
Mica-Glass
450
300
.015
(.38)
12–22
NC
113
with Glass braid
.007
(.13)
Mica-Glass
450
300
.020
(.51)
4–10
NC
113
with Glass braid
.014
(.36)
Mica-Glass
450
600
.025
(.64)
12–22
NC
113
with Glass braid
.007
(.13)
Mica-Glass
450
600
.035
(.89)
4–10
NC
113
with Glass braid
.020
(.51)
PTFE
200
150
.008
(.20)
16–32
NI, NPC, SPC
99
PTFE
200
300
.013
(.33)
10–28
NI, NPC, SPC
97
PTFE
200
600*
.020
(.51)
10–28
NI, NPC, SPC
98
.030
(.76)
8
PTFE
250
300
.013
(.33)
10–28
NI, NPC, SPC
108
PTFE
250
600
.020
(.51)
10–28
NI, NPC, SPC
105
.030
(.76)
8
PTFE (Mineral-filled)
250
600
.030
(.76)
10–28
NI, NPC, SPC
104
.045 (1.14)
8
CSA-Approved Appliance Wiring Material
Dimensions in inches (mm). • Temperature rating in ˚ C, maximum. • Voltage rating in volts AC, RMS.
* 1,000V when protected by a ballast, resistor, or transformer. • All values are nominal unless otherwise indicated.
Materials Abbreviations
Insulation Materials:
ETFE: Ethylene Tetrafluoroethylene
FEP: Fluorinated Ethylene Polypropylene
PTFE: Polytetrafluoroethylene
Conductor Materials:
BC: Bare (unplated) copper
NC: 27% nickel-coated copper
Ni: Nickel
Conductor Materials:
NPC: Nickel-plated copper
SPC: Silver-plated copper
TPC: Tin-plated copper
UL Wires by Insulation Material
Insulation
Page
ETFE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .93
FEP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .94
Mica / Glass . . . . . . . . . . . .94
Mica / PTFE / Glass Braid . . . . . . . . . . . . . . . . . . . . . . .95
Insulation
Page
PFA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .95
PTFE . . . . . . . . . . . . . . . . . . . . . . . . .96
PTFE / Glass Braid96
PTFE Served Glass / Glass Braid . . . . . . . . . . . . . . . . .96
UL and CSA approved
wires have been tested to Underwriters Laboratories and / or the Canadian
Standards Association safety standards. In many cases, a single Thermax part number may meet several
UL or CSA standards, as noted on the product specification pages beginning on page 97.
Standard colors: Where noted on product pages, UL wires are available with insulation in any of these
ten standard colors: Black, brown, red, orange, yellow, green, blue, violet, grey, and white.
Below, and on the the following four pages, is a quick guide to CSA and UL wires by insulation material.
Each table shows conductor material options and size range availability for the type. To find wires listed by
UL number, see the index by part number beginning on page 131.
Contact your Thermax representative for styles not shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com