Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS72012 Datasheet(PDF) 30 Page - Amphenol CIT.

Part # SS72012
Description  The Wire & Cable Book
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIT [Amphenol CIT.]
Direct Link  https://www.amphenol-cit.com/
Logo ACIT - Amphenol CIT.

SS72012 Datasheet(HTML) 30 Page - Amphenol CIT.

Back Button SS72012 Datasheet HTML 26Page - Amphenol CIT. SS72012 Datasheet HTML 27Page - Amphenol CIT. SS72012 Datasheet HTML 28Page - Amphenol CIT. SS72012 Datasheet HTML 29Page - Amphenol CIT. SS72012 Datasheet HTML 30Page - Amphenol CIT. SS72012 Datasheet HTML 31Page - Amphenol CIT. SS72012 Datasheet HTML 32Page - Amphenol CIT. SS72012 Datasheet HTML 33Page - Amphenol CIT. SS72012 Datasheet HTML 34Page - Amphenol CIT. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 144 page
background image
26
Aerospace | Military | Transportation | Industrial | Specialty
MIL-W-16878 wire
MIL-W-16878 (NEMA HP3, HP4)
wires are general-purpose, medium and high-temperature hookup wires,
with PTFE or FEP insulation. Each insulation type is available in thin, medium, or heavy wall thickness, for
voltage ratings from 250 to 1,000 volts.
Conductor choices within MIL-W-16878 are solid or stranded copper, high-strength copper alloy, or
copper-covered steel; with silver, nickel, or tin plating.
MIL-W-16878
Type
Voltage
Insulation
Insulation
Conductor
Temperature
Page
Slant Sheet
Material
Wall Thickness
Plating
Rating (Max.)
MIL-W-16878/4
E
600
PTFE (Extruded)
.010
Silver
200
27
MIL-W-16878/5
EE
1,000
PTFE (Extruded)
.015
Silver
200
28
MIL-W-16878/6
ET
250
PTFE (Extruded)
.006
Silver
200
29
MIL-W-16878/11
K
600
FEP (Extruded)
.010
Silver
200
30***
MIL-W-16878/12
KK
1,000
FEP (Extruded)
.015
Silver
200
31***
MIL-W-16878/13
KT
250
FEP (Extruded)
.006
Silver
200
32***
MIL-W-16878/20
—
250
PTFE (Tape)
.006
Silver
200
**
MIL-W-16878/21
—
600
PTFE (Tape)
.010
Silver
200
**
MIL-W-16878/22
—
1,000
PTFE (Tape)
.015
Silver
200
**
MIL-W-16878/23
ET
250
PTFE (Extruded)
.006
Nickel
260
**
MIL-W-16878/24
—
250
PTFE (Tape)
.006
Nickel
260
**
MIL-W-16878/25
E
600
PTFE (Extruded)
.010
Nickel
260
**
MIL-W-16878/26
—
600
PTFE (Tape)
.010
Nickel
260
**
MIL-W-16878/27
EE
1,000
PTFE (Extruded)
.015
Nickel
260
**
MIL-W-16878/28
—
1,000
PTFE (Tape)
.015
Nickel
260
**
Construction characteristics—MIL-W-16878 wires
Temperature in ˚C. Wall thickness in inches. All values are nominal unless otherwise indicated.
**
Contact factory for availability.
***
Commercial equivalents (with tin-plated copper conductor). MIL-spec versions available.
MIL-W-16878 part numbering and example
MIL-W-16878/5
B C B 903
Letter AWG
A
32
B
30
C
28
D
26
E
24
F
22
G
20
H
18
J
16
K
14
L
12
Letter AWG
M
10
N
8
P
6
R
4
S
2
T
1
U
0
W
2/0
Y
3/0
Z
4/0
Conductor size
Letter
Strands
A
1
B
7
C
10
D
16
E
19
F
26
G
37
H
41
J
65
K
105
Letter
Strands
L
133
M
168
N
259
P
665
R
817
S
1045
T
1330
V
1672
W
2109
Conductor stranding
Letter
Material
B
Coated copper
C
Coated copper-clad steel
D
Coated high-strength
copper alloy
Conductor material
Number
Color
0
Black
1
Brown
2
Red
3
Orange
4
Yellow
5
Green
6
Blue
7
Violet
8
Gray
9
White
Color code
Insulation color, followed by color for up to two stripes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com