Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS72012 Datasheet(PDF) 40 Page - Amphenol CIT.

Part # SS72012
Description  The Wire & Cable Book
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIT [Amphenol CIT.]
Direct Link  https://www.amphenol-cit.com/
Logo ACIT - Amphenol CIT.

SS72012 Datasheet(HTML) 40 Page - Amphenol CIT.

Back Button SS72012 Datasheet HTML 36Page - Amphenol CIT. SS72012 Datasheet HTML 37Page - Amphenol CIT. SS72012 Datasheet HTML 38Page - Amphenol CIT. SS72012 Datasheet HTML 39Page - Amphenol CIT. SS72012 Datasheet HTML 40Page - Amphenol CIT. SS72012 Datasheet HTML 41Page - Amphenol CIT. SS72012 Datasheet HTML 42Page - Amphenol CIT. SS72012 Datasheet HTML 43Page - Amphenol CIT. SS72012 Datasheet HTML 44Page - Amphenol CIT. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 144 page
background image
36
Aerospace | Military | Transportation | Industrial | Specialty
M22759 wire
M22759 (SAE AS22759)
wires are high-performance, medium and high-temperature hookup wires with
extruded PTFE or ETFE, or PTFE/polyimide tape insulators, and stranded conductors.
These wires are designed for severe-environment aerospace applications, such as engine controls and
SWAMP areas. Some types are available with highly abrasion-resistant insulation and / or high-strength
conductors for maximum performance under mechanical stresses.
Wire types with PTFE tape insulation are available with our unique Seamless Wrap PTFE tape insulation
(see page 54 for details and part numbers).
M22759
Insulation Material
Conductor
Temperature
Voltage
Page
Slant Sheet
Plating
Rating
Rating
MIL-W-22759/5
Extruded mineral-filled PTFE*
Silver
200
600
37
MIL-W-22759/6
Extruded mineral-filled PTFE*
Nickel
260
600
37
MIL-W-22759/7
Extruded mineral-filled PTFE (light weight)*
Silver
200
600
38
MIL-W-22759/8
Extruded mineral-filled PTFE (light weight)*
Nickel
260
600
38
MIL-W-22759/9
Extruded PTFE
Silver
200
1000
39
MIL-W-22759/10
Extruded PTFE
Nickel
260
1000
39
MIL-W-22759/11
Extruded PTFE (medium weight)
Silver
200
600
40
MIL-W-22759/12
Extruded PTFE (medium weight)
Nickel
260
600
40
MIL-W-22759/16
Extruded ETFE
Tin
150
600
41
MIL-W-22759/17
Extruded ETFE
Silver
150
600
41
MIL-W-22759/18
Extruded ETFE (light weight)
Tin
150
600
42
MIL-W-22759/19
Extruded ETFE (light weight)
Silver
150
600
42
MIL-W-22759/20
Extruded PTFE
Silver***
200
1000
43
MIL-W-22759/21
Extruded PTFE
Nickel***
260
1000
43
MIL-W-22759/22
Extruded PTFE (light weight)
Silver***
200
600
44
MIL-W-22759/23
Extruded PTFE (light weight)
Nickel***
260
600
44
MIL-W-22759/28
Extruded PTFE with polyimide hardcoat*
Silver
200
600
45
MIL-W-22759/29
Extruded PTFE with polyimide hardcoat*
Nickel
260
600
45
MIL-W-22759/30
Extruded PTFE with polyimide hardcoat*
Silver***
200
600
46
MIL-W-22759/31
Extruded PTFE with polyimide hardcoat*
Nickel***
260
600
46
MIL-DTL-22759/80
PTFE/polyimide/PTFE tape and PTFE tape (light weight)**
Tin
150
600
47
MIL-DTL-22759/81
PTFE/polyimide/PTFE tape and PTFE tape (light weight)**
Silver***
200
600
47
MIL-DTL-22759/82
PTFE/polyimide/PTFE tape and PTFE tape (light weight)**
Nickel***
260
600
47
MIL-DTL-22759/83
PTFE/polyimide/PTFE tape and PTFE tape**
Silver
200
600
48
MIL-DTL-22759/84
PTFE/polyimide/PTFE tape and PTFE tape**
Nickel
260
600
48
MIL-DTL-22759/85
PTFE/polyimide/PTFE tape and PTFE tape**
Tin
150
600
48
MIL-DTL-22759/86
PTFE/polyimide/PTFE tape and PTFE tape**
Silver
200
600
49
MIL-DTL-22759/87
PTFE/polyimide/PTFE tape and PTFE tape**
Nickel
260
600
50
MIL-DTL-22759/88
PTFE/polyimide/PTFE tape and PTFE tape**
Tin
150
600
51
MIL-DTL-22759/89
PTFE/polyimide/PTFE tape and PTFE tape**
Silver***
200
600
52
MIL-DTL-22759/90
PTFE/polyimide/PTFE tape and PTFE tape**
Nickel***
260
600
52
MIL-DTL-22759/91
PTFE/polyimide/PTFE tape and PTFE tape (light weight)**
Silver
200
600
53
MIL-DTL-22759/92
PTFE/polyimide/PTFE tape and PTFE tape (light weight)**
Nickel
260
600
53
Construction characteristics—M22759 wires
M22759 color coding
Temperature in ˚C. • *High abrasion resistance. • ** Available with Seamless Wrap PTFE tape outer insulation.
*** High-strength and ultra-high-strength copper alloy conductors.
Color coding for M22759 wires consists of up to four numbers
added to designate wire color and up to three spiral stripe colors.
Example: M22759/8-9045 is a white wire with black, yellow, and green stripes.
Number
01
2
3
4
5
6
7
8
9
Color
Black Brown Red Orange Yellow
Green Blue
Violet Gray White
MIL-DTL-22759 identification
M22759 wires are surface printed with the MIL part number and manufacturer’s CAGE code (FSCM number).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com