Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS72012 Datasheet(PDF) 33 Page - Amphenol CIT.

Part # SS72012
Description  The Wire & Cable Book
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIT [Amphenol CIT.]
Direct Link  https://www.amphenol-cit.com/
Logo ACIT - Amphenol CIT.

SS72012 Datasheet(HTML) 33 Page - Amphenol CIT.

Back Button SS72012 Datasheet HTML 29Page - Amphenol CIT. SS72012 Datasheet HTML 30Page - Amphenol CIT. SS72012 Datasheet HTML 31Page - Amphenol CIT. SS72012 Datasheet HTML 32Page - Amphenol CIT. SS72012 Datasheet HTML 33Page - Amphenol CIT. SS72012 Datasheet HTML 34Page - Amphenol CIT. SS72012 Datasheet HTML 35Page - Amphenol CIT. SS72012 Datasheet HTML 36Page - Amphenol CIT. SS72012 Datasheet HTML 37Page - Amphenol CIT. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 144 page
background image
29
Aerospace | Military | Transportation | Industrial | Specialty
MIL-W-16878/6 (Type ET) wire—thin-wall extruded PTFE insulation
MIL-W-16878/6 (type ET)
wires have extruded PTFE
insulation (thin wall thickness) for high-temperature
applications and light weight. PTFE insulation offers
high reliability with excellent thermal stability and
chemical resistance.
For medium-wall (type E) versions of these wires,
see M16878/4 (page 27); for heavy-wall (type EE)
versions, see M16878/5 (previous page).
Performance:
Voltage rating:
250V.
Temperature rating:
Silver-plated conductor: -55 to 200˚ C;
Nickel-plated conductor: -55 to 260˚ C.
Construction Details
Insulation:
Extruded PTFE, wall thickness .006 (.15 mm).
Conductor:
Silver-plated copper.
Colors:
Color coded to MIL-STD-104 (See page 26).
Options:
Nickel-plated copper conductor; silver or nickel-
plated high-strength copper alloy conductor;
sodium napthalene etched insulation for
bondability. Also available to NEMA HP-3-ETX.
M16878
AWG
Stranding
Conductor
Insulation Diameter
Weight
Maximum
Thermax
P/N**
Size
Diameter
Minimum
Maximum
Resistance
P/N
M16878/6 BGE-*
20
19/32
.038
(.97)
.048 (1.22)
.052 (1.32)
4.60 (6.85)
9.19
(30.1)
20-MT-1932
M16878/6 BGB-*
20
7/28
.038
(.97)
.048 (1.22)
.052 (1.32)
4.24 (6.31)
10.0
(32.8)
20-MT-728
M16878/6 BFE-*
22
19/34
.030
(.76)
.040 (1.02)
.044 (1.12)
3.98 (4.43)
15.1
(49.5)
22-MT-1934
M16878/6 BFB-*
22
7/30
.030
(.76)
.040 (1.02)
.044 (1.12)
2.80 (4.17)
15.9
(52.2)
22-MT-730
M16878/6 BEE-*
24
19/36
.024
(.61)
.034
(.86)
.038
(.97)
2.02 (3.01)
24.3
(79.7)
24-MT-1936
M16878/6 BEB-*
24
7/32
.024
(.61)
.034
(.86)
.038
(.97)
1.90 (2.83)
25.2
(82.7)
24-MT-732
M16878/6 BDE-*
26
19/38
.019
(.48)
.029
(.74)
.033
(.84)
1.40 (2.08)
38.4
(126)
26-MT-1938
M16878/6 BDB-*
26
7/34
.019
(.48)
.029
(.74)
.033
(.38)
1.30 (1.93)
40.5
(133)
26-MT-734
M16878/6 BDA-*
26
SOLID
.016
(.41)
.026
(.66)
.030
(.76)
1.16 (1.73)
42.7
(140)
26-MT-126
M16878/6 (REF)
28
19/40
.015
(.38)
.025
(.64)
.029
(.74)
.980 (1.46)
63.1
(207)
28-MT-1940
M16878/6 BCB-*
28
7/36
.015
(.38)
.025
(.64)
.029
(.74)
.910 (1.35)
63.8
(209)
28-MT-736
M16878/6 BCA-*
28
SOLID
.013
(.33)
.023
(.58)
.027
(.69)
.800 (1.19)
68.0
(223)
28-MT-128
M16878/6 (REF)
30
19/42
.012
(.31)
.022
(.56)
.026
(.66)
.680 (1.01)
96.1
(315)
30-MT-1942
M16878/6 BBB-*
30
7/38
.012
(.31)
.022
(.56)
.026
(.66)
.660 (.982)
101
(331)
30-MT-738
M16878/6 BBA-*
30
SOLID
.010
(.25)
.020
(.51)
.024
(.61)
.590 (.878)
108
(354)
30-MT-130
M16878/6 (REF)
32
19/44
.010
(.25)
.020
(.51)
.024
(.61)
.520 (.774)
153
(502)
32-MT-1944
M16878/6 BAB-*
32
7/40
.009
(.23)
.020
(.51)
.024
(.61)
.480 (.714)
173
(567)
32-MT-740
M16878/6 (REF)
32
SOLID
.008
(.20)
.016
(.41)
.022
(.56)
.450 (.670)
169
(554)
32-MT-132
M16878/6 (REF)
34
7/42
.008
(.20)
.015
(.38)
.021
(.53)
.380 (.566)
258
(846)
34-MT-742
M16878/6 (REF)
34
SOLID
.006
(.15)
.014
(.36)
.020
(.51)
.340 (.506)
270
(886)
34-MT-134
M16878/6 (REF)
36
7/44
.006
(.15)
.014
(.36)
.020
(.51)
.300 (.446)
412
(1351)
36-MT-744
M16878/6 (REF)
36
SOLID
.005
(.13)
.013
(.33)
.019
(.48)
.270 (.402)
415
(1361)
36-MT-136
M16878/6 (REF)
38
7/46
.005
(.13)
.013
(.33)
.019
(.48)
.180 (.268)
541
(1774)
38-MT-746
M16878/6 (REF)
38
SOLID
.004
(.10)
.012
(.31)
.018
(.46)
.170 (.253)
648
(2125)
38-MT-138
Dimensions, Resistance, and Weights—M16878/6
Dimensions in inches (mm). Weights in pounds/1000 feet (Kg/1000 m). Resistance in Ω/1,000 feet (Ω/Km), @20˚ C.
*
Add color coding per MIL-STD-104 (see page 26). **Complies with the latest issue of MIL-W-16878 having no surface marking, and NEMA HP-3.
(REF) indicates alternate constructions conforming to,but not specifically contained in,MIL-W-16878. All values are nominal unless otherwise indicated.
Ordering Information:
Specify Thermax part number, M16878 number, and color.
To order with optional conductor materials:
For silver-plated high-strength copper conductor, change MT in Thermax part number to MTTF.
For nickel-plated copper conductor, change MT in Thermax part number to MTN.
For nickel-plated high-strength copper conductor, change MT in Thermax part number to MTTFN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com