Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS72012 Datasheet(PDF) 67 Page - Amphenol CIT.

Part # SS72012
Description  The Wire & Cable Book
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIT [Amphenol CIT.]
Direct Link  https://www.amphenol-cit.com/
Logo ACIT - Amphenol CIT.

SS72012 Datasheet(HTML) 67 Page - Amphenol CIT.

Back Button SS72012 Datasheet HTML 63Page - Amphenol CIT. SS72012 Datasheet HTML 64Page - Amphenol CIT. SS72012 Datasheet HTML 65Page - Amphenol CIT. SS72012 Datasheet HTML 66Page - Amphenol CIT. SS72012 Datasheet HTML 67Page - Amphenol CIT. SS72012 Datasheet HTML 68Page - Amphenol CIT. SS72012 Datasheet HTML 69Page - Amphenol CIT. SS72012 Datasheet HTML 70Page - Amphenol CIT. SS72012 Datasheet HTML 71Page - Amphenol CIT. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 144 page
background image
63
Aerospace | Military | Transportation | Industrial | Specialty
MIL-DTL-81381/19, /20 wire—light weight—high strength conductor
MIL-DTL-81381/19 and /20
wires have one layer of
FEP/ polyimide/FEP tape insulation with a polyimide
hard coat for increased cut-through and abrasion
resistance, and a high-strength copper alloy
conductor for greater break strength.
Originally designed for aerospace use, these wires
are ideal for other applications requiring excellent
thermal stability, tight dimensional tolerances, and
high reliability.
These wires are especially well-suited in applications
where smoke emission, overload stability, and
flammability are major concerns.
Performance:
Voltage rating:
600V.
Temperature rating:
-55 to 200˚ C.
Construction Details
Insulation:
FEP/polyimide/FEP tape with modified
aromatic polyimide coating.
Conductor:
/19: Silver-plated high-strength copper alloy;
/20: Nickel-plated plated high-strength
copper alloy.
Colors:
Color coded to MIL-STD-104 (see page 57
for details).
Identification:
to MIL-DTL-81381.
M81381
AWG
Stranding
Conductor Diameter
Insulation Diameter
Weight
Maximum
P/N
Size
Minimum
Maximum
Minimum
Maximum
Resistance
M81381/19-20-*
20
19/32
.037
(.94)
.039
(.99)
.047
(1.19)
.050 (1.27)
4.3 (6.4)
10.7
(35.10)
M81381/19-22-*
22
19/34
.029
(.74)
.031
(.79)
.038
(.97)
.041 (1.04)
2.8 (4.1)
17.5
(57.40)
M81381/19-24-*
24
19/36
.023
(.58)
.024
(.61)
.032
(.81)
.035
(.89)
1.8 (2.7)
28.4
(93.15)
M81381/19-26-*
26
19/38
.018
(.46)
.020
(.51)
.028
(.71)
.030
(.76)
1.2 (1.8)
44.8 (146.94)
M81381/19-28-*
28
7/36
.014
(.36)
.015
(.38)
.024
(.61)
.027
(.69)
.8 (1.2)
74.4 (244.03)
M81381/19-30-*
30
7/38
.011
(.28)
.012
(.30)
.021
(.53)
.024
(.61)
.6
(.8)
117.4 (385.07)
Dimensions, Resistance, and Weights—M81381/19 (silver-plated high-strength conductor)
M81381
AWG
Stranding
Conductor Diameter
Insulation Diameter
Weight
Maximum
P/N
Size
Minimum
Maximum
Minimum
Maximum
Resistance
M81381/20-20-*
20
19/32
.037
(.94)
.040
(1.02)
.047
(1.19)
.050 (1.27)
4.5 (6.7)
11.4
(37.39)
M81381/20-22-*
22
19/34
.029
(.74)
.031
(.79)
.039
(.99)
.042 (1.07)
2.9 (4.3)
18.6
(61.01)
M81381/20-24-*
24
19/36
.023
(.58)
.025
(.64)
.032
(.81)
.035
(.89)
2.0 (3.0)
30.1
(98.73)
M81381/20-26-*
26
19/38
.018
(.46)
.020
(.51)
.028
(.71)
.030
(.76)
1.3 (1.9)
49.4 (162.03)
M81381/20-28-*
28
7/36
.014
(.36)
.016
(.41)
.024
(.61)
.027
(.69)
.9 (1.3)
79.0 (259.12)
M81381/20-30-*
30
7/38
.011
(.28)
.013
(.33)
.021
(.53)
.024
(.61)
.7 (1.0)
126.6 (415.25)
Dimensions, Resistance, and Weights—M81381/20 (nickel-plated high-strength conductor)
Dimensions in inches (mm). Weights in pounds/1000 feet (Kg/1000 M). Resistance in Ω/1,000 feet (Ω/Km), @20˚ C.
All values are nominal unless otherwise indicated. * Add color coding per MIL-STD-104 (see page 57).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com