Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS72012 Datasheet(PDF) 97 Page - Amphenol CIT.

Part # SS72012
Description  The Wire & Cable Book
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIT [Amphenol CIT.]
Direct Link  https://www.amphenol-cit.com/
Logo ACIT - Amphenol CIT.

SS72012 Datasheet(HTML) 97 Page - Amphenol CIT.

Back Button SS72012 Datasheet HTML 93Page - Amphenol CIT. SS72012 Datasheet HTML 94Page - Amphenol CIT. SS72012 Datasheet HTML 95Page - Amphenol CIT. SS72012 Datasheet HTML 96Page - Amphenol CIT. SS72012 Datasheet HTML 97Page - Amphenol CIT. SS72012 Datasheet HTML 98Page - Amphenol CIT. SS72012 Datasheet HTML 99Page - Amphenol CIT. SS72012 Datasheet HTML 100Page - Amphenol CIT. SS72012 Datasheet HTML 101Page - Amphenol CIT. Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 144 page
background image
93
Aerospace | Military | Transportation | Industrial | Specialty
UL Approved Wire—ETFE Insulation
Conductor Materials Abbreviations
BC: Bare (unplated) copper
NC: 27% nickel-coated copper
Ni: Nickel
NPC: Nickel-plated copper
SPC: Silver-plated copper
TPC: Tin-plated copper
Insulation
UL
Temperature
Voltage
Insulation Wall
AWG
Conductor
Page
Material
Style
Rating
Rating
Thickness (Min.)
Size Range
Types
ETFE
1508
105
30
.0055
(.14)
20–32
NPC, SPC, TPC
103
ETFE
1513
105
—
.005
(.13)
20–32
NPC, SPC, TPC
103
ETFE
1516
105
—
.004
(.10)
20–32
NPC, SPC, TPC
103
ETFE
1517
105
—
.006
(.15)
20–32
NPC, SPC, TPC
103
ETFE
1523
105
—
.005
(.13)
20–32
NPC, SPC, TPC
103
ETFE
1558
125
—
.004
(.10)
20–32
NPC, SPC, TPC
103
.0055
(.14)
20–36
ETFE
1586
105
—
.008
(.20)
16–19
Ni, NPC, SPC, TPC
**
.013
(.33)
10–15
.020
(.51)
6–9
.0055
(.14)
20–36
ETFE
1609
105
125
.008
(.20)
16–19
Ni, NPC, SPC, TPC
**
.013
(.33)
10–15
.020
(.51)
6–9
ETFE
1610
105
—
.010
(.25)
10–32
BC, NPC, SPC, TPC
**
.013
(.33)
10–32
ETFE
1643
150
300
.020
(.51)
2–8
Ni, NPC, SPC, TPC
**
.030
(.76)
4/0–1
.020
(.51)
10–30
ETFE
1644
150
600
.030
(.76)
2–8
BC, NC, Ni, NPC, SPC, TPC
**
.045
(1.14)
4/0–1
ETFE
1671
150
300
.010
(.25)
10–32
BC, NPC, SPC, TPC
**
ETFE
1814
150
150
.006
(.15)
20–32
Ni, NPC, SPC, TPC
**
ETFE
1828
150
300
.013
(.33)
10–32
BC, TPC
**
ETFE
1829
150
600
.020
(.51)
10–32
BC, TPC
**
.010
(.25)
14–32
.015
(.38)
10–12
ETFE
10086
150/200
600
.025
(.64)
4–8
BC, NPC, SPC, TPC
109
.035
(.89)
1–3
.045
(1.14)
4/0–1/0
.006
(.15)
18–32
.008
(.20)
14–16
ETFE
10109
150/200
300
.010
(.25)
10–12
BC, NPC, SPC, TPC
110
.025
(.64)
4–8
.035
(.89)
1–3
.045
(1.14)
4/0–1/0
.006
(.15)
18–32
.008
(.20)
14–16
ETFE
10125
150
300
.010
(.25)
10–12
BC, NPC, SPC, TPC
**
.025
(.64)
4–8
.035
(.89)
1–3
.045
(1.14)
4/0–1/0
.010
(.25)
14–32
.015
(.38)
10–12
ETFE
10126
150
600
.025
(.64)
4–8
BC, NPC, SPC, TPC
**
.035
(.89)
1–3
.045
(1.14)
4/0–1/0
UL-Approved Wires—ETFE (Ethylene Tetrafluoroethylene) Insulation
Dimensions in inches (mm). • Temperature rating in ˚ C, maximum. • Voltage rating in volts AC, RMS.
**Contact your Thermax representative for availability. • All values are nominal unless otherwise indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com