Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS72012 Datasheet(PDF) 52 Page - Amphenol CIT.

Part # SS72012
Description  The Wire & Cable Book
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIT [Amphenol CIT.]
Direct Link  https://www.amphenol-cit.com/
Logo ACIT - Amphenol CIT.

SS72012 Datasheet(HTML) 52 Page - Amphenol CIT.

Back Button SS72012 Datasheet HTML 48Page - Amphenol CIT. SS72012 Datasheet HTML 49Page - Amphenol CIT. SS72012 Datasheet HTML 50Page - Amphenol CIT. SS72012 Datasheet HTML 51Page - Amphenol CIT. SS72012 Datasheet HTML 52Page - Amphenol CIT. SS72012 Datasheet HTML 53Page - Amphenol CIT. SS72012 Datasheet HTML 54Page - Amphenol CIT. SS72012 Datasheet HTML 55Page - Amphenol CIT. SS72012 Datasheet HTML 56Page - Amphenol CIT. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 144 page
background image
48
Aerospace | Military | Transportation | Industrial | Specialty
MIL-DTL-22759/83, /84, /85 wire—normal weight
MIL-DTL-22759/83, /84, and /85
wires are large size,
high-performance aerospace hookup wires with
a four-layer insulation of PTFE tape and PTFE/
polyimide/PTFE tape, with an outer layer of
polyamide braid for superior abrasion resistance.
These wires are designed for aerospace and other
applications requiring excellent thermal stability and
abrasion resistance.
These wires are available with our unique Seamless
Wrap PTFE tape insulation (see page 54 for details
and part numbers).
Performance:
Voltage rating:
600V.
Temperature rating:
/83: -55 to 200˚ C
/84: -55 to 260˚ C
/85: -55 to 150˚ C
Construction Details
Insulation:
First layer: PTFE tape;
Second layer: PTFE/polyimide/PTFE tape;
Third and fourth layers: PTFE tape;
Fifth (outer) layer: 200 Denier polyamide braid
with clear lacquer to prevent fraying.
Conductor:
/83: Silver-plated copper;
/84: Nickel-plated copper.
/85:Tin-plated copper.
Colors:
See below.
Identification:
Per MIL-DTL-22759/83, /84, and /85.
M22759
AWG
Stranding
Conductor Diameter
Insulation Diameter
Weight
Maximum
P/N
Size
Minimum
Maximum
Minimum
Maximum
Resistance
M22759/83-04-*
4/0
2109/30
.565
(14.35)
.605
(15.37)
.615
(15.62)
.655
(16.64)
661.4 (984.0)
.054 (.177)
M22759/83-03-*
3/0
1665/30
.500
(12.70)
.540
(13.72)
.554
(14.07)
.584
(14.83)
520.3 (774.1)
.068 (.223)
M22759/83-02-*
2/0
1330/30
.440
(11.18)
.475
(12.07)
.498
(12.65)
.528
(13.41)
414.7 (617.0)
.085 (.279)
M22759/83-01-*
0
1045/30
.395
(10.03)
.425
(10.80)
.442
(11.23)
.462
(11.73)
337.0 (501.4)
.108 (.354)
M22759/83-1-*
1
817/30
.366
(9.30)
.380
(9.65)
.400
(10.16)
.420
(10.67)
282.0 (419.6)
.139 (.456)
M22759/83-2-*
2
665/30
.320
(8.13)
.340
(8.64)
.360
(9.14)
.380
(9.65)
217.9 (324.2)
.170 (.558)
Dimensions, Weight, and Resistance—M22759/83 (silver-plated copper conductor)
M22759
AWG
Stranding
Conductor Diameter
Insulation Diameter
Weight
Maximum
P/N
Size
Minimum
Maximum
Minimum
Maximum
Resistance
M22759/84-04-*
4/0
2109/30
.565
(14.35)
.605
(15.37)
.615
(15.62)
.655
(16.64)
661.4 (984.0)
.056 (.184)
M22759/84-03-*
3/0
1665/30
.500
(12.70)
.540
(13.72)
.554
(14.07)
.584
(14.83)
520.3 (774.1)
.071 (.233)
M22759/84-02-*
2/0
1330/30
.440
(11.18)
.475
(12.07)
.498
(12.65)
.528
(13.41)
414.7 (617.0)
.089 (.292)
M22759/84-01-*
0
1045/30
.395
(10.03)
.425
(10.80)
.442
(11.23)
.462
(11.73)
337.0 (501.4)
.113 (.371)
M22759/84-1-*
1
817/30
.366
(9.30)
.380
(9.65)
.400
(10.16)
.420
(10.67)
282.0 (419.6)
.144 (.472)
M22759/84-2-*
2
665/30
.320
(8.13)
.340
(8.64)
.360
(9.14)
.380
(9.65)
217.9 (324.2)
.177 (.581)
Dimensions, Weight, and Resistance—M22759/84 (nickel-plated copper conductor)
M22759
AWG
Stranding
Conductor Diameter
Insulation Diameter
Weight
Maximum
P/N
Size
Minimum
Maximum
Minimum
Maximum
Resistance
M22759/85-04-*
4/0
2109/30
.565
(14.35)
.605
(15.37)
.615
(15.62)
.655
(16.64)
661.4 (984.0)
.056 (.184)
M22759/85-03-*
3/0
1665/30
.500
(12.70)
.540
(13.72)
.554
(14.07)
.584
(14.83)
520.3 (774.1)
.071 (.233)
M22759/85-02-*
2/0
1330/30
.440
(11.18)
.475
(12.07)
.498
(12.65)
.528
(13.41)
414.7 (617.0)
.091 (.298)
M22759/85-01-*
0
1045/30
.395
(10.03)
.425
(10.80)
.442
(11.23)
.462
(11.73)
337.0 (501.4)
.116 (.380)
M22759/85-1-*
1
817/30
.366
(9.30)
.380
(9.65)
.400
(10.16)
.420
(10.67)
282.0 (419.6)
.149 (.489)
M22759/85-2-*
2
665/30
.320
(8.13)
.340
(8.64)
.360
(9.14)
.380
(9.65)
217.9 (324.2)
.183 (.600)
Dimensions, Weight, and Resistance—M22759/85 (tin-plated copper conductor)
Dimensions in inches (mm). Weights in pounds/1000 feet (Kg/1000 M). Resistance in Ω/1,000 feet (Ω/Km), @20˚ C.
*
Add color coding—dark green (5D) preferred, white (9) acceptable alternate. All values are nominal unless otherwise indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com