Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS72012 Datasheet(PDF) 42 Page - Amphenol CIT.

Part # SS72012
Description  The Wire & Cable Book
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIT [Amphenol CIT.]
Direct Link  https://www.amphenol-cit.com/
Logo ACIT - Amphenol CIT.

SS72012 Datasheet(HTML) 42 Page - Amphenol CIT.

Back Button SS72012 Datasheet HTML 38Page - Amphenol CIT. SS72012 Datasheet HTML 39Page - Amphenol CIT. SS72012 Datasheet HTML 40Page - Amphenol CIT. SS72012 Datasheet HTML 41Page - Amphenol CIT. SS72012 Datasheet HTML 42Page - Amphenol CIT. SS72012 Datasheet HTML 43Page - Amphenol CIT. SS72012 Datasheet HTML 44Page - Amphenol CIT. SS72012 Datasheet HTML 45Page - Amphenol CIT. SS72012 Datasheet HTML 46Page - Amphenol CIT. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 144 page
background image
38
Aerospace | Military | Transportation | Industrial | Specialty
MIL-W-22759/7, /8 wire—mineral-filled PTFE insulation—medium wall
MIL-W-22759/7 and /8
wires have reduced weight,
mineral-filled PTFE insulation for high-
temperature applications such as aircraft engines,
SWAMP zones, and others where increased abrasion
resistance is required. These wires are reduced-
weight versions of MIL-W-22759/5 and /6.
See page 68 for a selection of M27500 shielded and
jacketed cables incorporating these wires.
Performance:
Voltage rating:
600V.
Temperature rating:
/7: -55 to 200˚ C
/8: -55 to 260˚ C
Construction Details
Insulation:
Extruded PTFE with abrasion-resistant
mineral fillers.
Conductor:
/7: Silver-plated copper;
/8: Nickel-plated copper.
Colors:
Color coded to MIL-STD-104.
Identification:
to M22759.
M22759
AWG
Stranding
Conductor
Insulation Diameter
Weight
Maximum
Thermax
P/N
Size
Diameter
Minimum
Maximum
Resistance
P/N
M22759/7-8-*
8
133/29
.162 (4.11)
.215 (5.46)
.225 (5.72)
67.6 (101)
.658 (2.16)
8-AF2XT-13329
M22759/7-10-*
10
37/26
.108 (2.74)
.154 (3.91)
.162 (4.11)
37.4 (55.7)
1.19 (3.90)
10-AF2XT-3726
M22759/7-12-*
12
19/25
.086 (2.18)
.131 (3.33)
.137 (3.48)
25.7 (38.3)
1.81 (5.94)
12-AF2XT-1925
M22759/7-14-*
14
19/27
.067 (1.70)
.112 (2.84)
.118 (3.00)
17.3 (25.8)
2.88 (9.45)
14-AF2XT-1927
M22759/7-16-*
16
19/29
.053 (1.35)
.099 (2.51)
.105 (2.67)
12.7 (18.9)
4.52 (14.8)
16-AF2XT-1929
M22759/7-18-*
18
19/30
.047 (1.19)
.090 (2.29)
.094 (2.39)
10.2 (15.2)
5.79 (19.0)
18-AF2XT-1930
M22759/7-20-*
20
19/32
.038
(.97)
.080 (2.03)
.084 (2.13)
7.30 (10.9)
9.19 (30.1)
20-AF2XT-1932
M22759/7-22-*
22
19/34
.030
(.76)
.071 (1.80)
.075 (1.91)
5.00 (7.44)
15.1 (49.5)
22-AF2XT-1934
M22759/7-24-*
24
19/36
.024
(.61)
.060 (1.52)
.064 (1.63)
3.70 (5.51)
24.3 (79.7)
24-AF2XT-1936
Dimensions, Resistance, and Weights—M22759/7 (silver-plated conductor)
Dimensions in inches (mm). Weights in pounds/1000 feet (Kg/1000 M). Resistance in Ω/1,000 feet (Ω/Km), @20˚ C.
All values are nominal unless otherwise indicated.
*
Add color coding per MIL-STD-104 (see page 36).
M22759
AWG
Stranding
Conductor
Insulation Diameter
Weight
Maximum
Thermax
P/N
Size
Diameter
Minimum
Maximum
Resistance
P/N
M22759/8-8-*
8
133/29
.163 (4.14)
.215 (5.46)
.225 (5.72)
69.6 (104)
.694 (2.28)
8-AF2XTN-13329
M22759/8-10-*
10
37/26
.109 (2.77)
.154 (3.91)
.162 (4.11)
38.4 (57.2)
1.24 (4.07)
10-AF2XTN-3726
M22759/8-12-*
12
19/25
.086 (2.18)
.131 (3.33)
.137 (3.48)
28.7 (42.8)
1.89 (6.20)
12-AF2XTN-1925
M22759/8-14-*
14
19/27
.067 (1.70)
.112 (2.84)
.118 (3.00)
18.1 (27.0)
3.00 (9.84)
14-AF2XTN-1927
M22759/8-16-*
16
19/29
.053 (1.35)
.099 (2.51)
.105 (2.67)
13.0 (19.4)
4.76 (15.6))
16-AF2XTN-1929
M22759/8-18-*
18
19/30
.047 (1.19)
.090 (2.29)
.094 (2.39)
10.4 (15.5)
6.10 (20.0)
18-AF2XTN-1930
M22759/8-20-*
20
19/32
.038
(.97)
.080 (2.03)
.084 (2.13)
7.50 (11.2)
9.77 (32.1)
20-AF2XTN-1932
M22759/8-22-*
22
19/34
.030
(.76)
.071 (1.80)
.075 (1.91)
5.15 (7.66)
16.0 (52.5)
22-AF2XTN-1934
M22759/8-24-*
24
19/36
.024
(.61)
.060 (1.52)
.064 (1.63)
3.80 (5.66)
25.9 (85.0)
24-AF2XTN-1936
Dimensions, Resistance, and Weights—M22759/8 (nickel-plated conductor)
Dimensions in inches (mm). Weights in pounds/1000 feet (Kg/1000 M). Resistance in Ω/1,000 feet (Ω/Km), @20˚ C.
All values are nominal unless otherwise indicated.
*
Add color coding per MIL-STD-104 (see page 36).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com