Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS72012 Datasheet(PDF) 72 Page - Amphenol CIT.

Part # SS72012
Description  The Wire & Cable Book
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIT [Amphenol CIT.]
Direct Link  https://www.amphenol-cit.com/
Logo ACIT - Amphenol CIT.

SS72012 Datasheet(HTML) 72 Page - Amphenol CIT.

Back Button SS72012 Datasheet HTML 68Page - Amphenol CIT. SS72012 Datasheet HTML 69Page - Amphenol CIT. SS72012 Datasheet HTML 70Page - Amphenol CIT. SS72012 Datasheet HTML 71Page - Amphenol CIT. SS72012 Datasheet HTML 72Page - Amphenol CIT. SS72012 Datasheet HTML 73Page - Amphenol CIT. SS72012 Datasheet HTML 74Page - Amphenol CIT. SS72012 Datasheet HTML 75Page - Amphenol CIT. SS72012 Datasheet HTML 76Page - Amphenol CIT. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 144 page
background image
68
Aerospace | Military | Transportation | Industrial | Specialty
M27500 Cables—types SA and TA (M22759/7, /8 components)
M 2 7 5 0 0-8TA1N06
Component wire AWG
Component wire type
SA: MIL-W-22759/7
TA: MIL-W-22759/8
Jacket material—06: White PTFE tape
20: White extruded PFA
21: Clear extruded PFA
Number of component wires
Shield material—N: Nickel-plated copper
S: Silver-plated copper
M27500 SA and TA cables
are shielded and
jacketed cables with PTFE tape or extruded PFA
jackets, incorporating MIL-W-22759/7 or /8 wires.
These component wires are insulated with light-
weight mineral-filled PTFE, and have silver-plated or
nickel-plated copper conductors.
Versions with PTFE tape jackets are available with
our unique Seamless Wrap PTFE tape (see page 87
for details).
Performance:
Voltage rating:
600V.
Temperature ratings:
Cables with /7 component wires: -55 to 200˚ C.
Cables with /8 component wires: -55 to 260˚ C.
See page 38 for component wire dimensions.
Construction Details
Component wire conductor:
/7 component wires: Silver-plated copper;
/8 component wires: Nickel-plated copper.
Component wire insulation:
Extruded PTFE with abrasion-resistant mineral fillers.
Shield:
Nickel- or silver-plated copper braid, 85% coverage.
Jacket:
Extruded PFA or PTFE tape.
Colors:
Color coded to M27500 (see page 67).
Certifications also available to NEMA WC27500.
Dimensions and Weight—1 Conductor Cables
Dimensions and Weight—3 Conductor Cables*
Dimensions in inches (mm). Weights in pounds/1000 feet (Kg/1000 M). All values are nominal, for style 06 (PTFE tape jacket) cables.
*Using factors from a circumscribed circle per M27500.
Dimensions and Weight—4 Conductor Cables
Dimensions and Weight—2 Conductor Cables
Component Wire
Shield
Jacket
Weight
AWG (Stranding)
Diameter
Diameter
8 (133/29)
.468 (11.9)
.504 (12.8)
199 (296)
10
(37/26)
.344 (8.74)
.380 (9.65)
112 (166)
12
(19/25)
.288 (7.32)
.312 (7.92)
79.4 (118)
14
(19/27)
.250 (6.35)
.274 (6.96)
58.6 (87.2)
16
(19/29)
.224 (5.69)
.248 (6.30)
46.1 (68.6)
18
(19/30)
.204 (5.18)
.228 (5.79)
39.0 (58.0)
20
(19/32)
.184 (4.67)
.208 (5.28)
31.5 (46.9)
22
(19/34)
.166 (4.22)
.190 (4.83)
25.7 (38.2)
24
(19/36)
.144 (3.66)
.168 (4.27)
20.5 (30.6)
Component Wire
Shield
Jacket
Weight
AWG (Stranding)
Diameter
Diameter
8 (133/29)
.240 (6.10)
.264 (6.71)
95.9 (143)
10
(37/26)
.178 (4.52)
.202 (5.13)
56.2 (83.6)
12
(19/25)
.154 (3.91)
.178 (4.52)
41.9 (62.4)
14
(19/27)
.135 (3.43)
.159 (4.04)
30.0 (44.6)
16
(19/29)
.122 (3.10)
.146 (3.71)
23.7 (35.3)
18
(19/30)
.112 (2.84)
.134 (3.40)
20.6 (30.7)
20
(19/32)
.102 (2.59)
.126 (3.20)
16.6 (24.7)
22
(19/34)
.093 (2.36)
.117 (2.97)
13.9 (20.7)
24
(19/36)
.082 (2.08)
.106 (2.69)
11.1 (16.5)
Component Wire
Shield
Jacket
Weight
AWG (Stranding)
Diameter
Diameter
8 (133/29)
.558 (14.2)
.594 (15.1)
378 (562)
10
(37/26)
.409 (10.4)
.445 (11.3)
208 (309)
12
(19/25)
.351 (8.91)
.387 (9.83)
153 (227)
14
(19/27)
.297 (7.55)
.333 (8.46)
106 (157)
16
(19/29)
.266 (6.75)
.290 (7.36)
79.2 (117)
18
(19/30)
.242 (6.14)
.266 (6.75)
66.2 (98.5)
20
(19/32)
.218 (5.53)
.242 (6.14)
52.4 (78.0)
22
(19/34)
.196 (4.98)
.220 (5.59)
41.6 (61.9)
24
(19/36)
.169 (4.30)
.193 (4.91)
32.4 (48.2)
Component Wire
Shield
Jacket
Weight
AWG (Stranding)
Diameter
Diameter
8 (133/29)
.501 (12.7)
.537 (13.6)
283 (421)
10
(37/26)
.368 (9.34)
.404 (10.3)
162 (241)
12
(19/25)
.308 (7.83)
.344 (8.74)
114 (169)
14
(19/27)
.267 (6.79)
.291 (7.40)
81.6 (121)
16
(19/29)
.239 (6.08)
.263 (6.69)
62.5 (93.0)
18
(19/30)
.218 (5.53)
.242 (6.14)
52.8 (78.6)
20
(19/32)
.196 (4.99)
.220 (5.60)
42.2 (62.8)
22
(19/34)
.177 (4.49)
.201 (5.10)
33.8 (50.3)
24
(19/36)
.153 (3.89)
.177 (4.50)
26.6 (39.6)
Part Numbers:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com