Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS72012 Datasheet(PDF) 73 Page - Amphenol CIT.

Part # SS72012
Description  The Wire & Cable Book
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIT [Amphenol CIT.]
Direct Link  https://www.amphenol-cit.com/
Logo ACIT - Amphenol CIT.

SS72012 Datasheet(HTML) 73 Page - Amphenol CIT.

Back Button SS72012 Datasheet HTML 69Page - Amphenol CIT. SS72012 Datasheet HTML 70Page - Amphenol CIT. SS72012 Datasheet HTML 71Page - Amphenol CIT. SS72012 Datasheet HTML 72Page - Amphenol CIT. SS72012 Datasheet HTML 73Page - Amphenol CIT. SS72012 Datasheet HTML 74Page - Amphenol CIT. SS72012 Datasheet HTML 75Page - Amphenol CIT. SS72012 Datasheet HTML 76Page - Amphenol CIT. SS72012 Datasheet HTML 77Page - Amphenol CIT. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 144 page
background image
69
Aerospace | Military | Transportation | Industrial | Specialty
M27500 Cables—types RC and RE (M22759/11, /12 components)
M27500 - 8 RC1S06
Component wire AWG
Component wire type
RC: MIL-W-22759/11
RE: MIL-W-22759/12
Jacket material—05: Clear extruded FEP
06: White PTFE tape
09: White extruded FEP
Number of component wires
Shield material—
N: Nickel-plated copper
S: Silver-plated copper
M27500 RC and RE cables
are shielded and jacketed
cables with PTFE tape or extruded FEP jackets,
incorporating MIL-W-22759/11 or /12 wires.
These component wires have extruded PTFE insula-
tion and silver- or nickel-plated copper conductors.
PTFE tape jackets are available with our unique
Seamless Wrap PTFE tape (see page 87 for details).
Performance:
Voltage rating:
600V.
Temperature ratings:
Cables with /11 component wires and either jacket: -55 to 200˚ C.
Cables with /12 component wires and PTFE jacket: -55 to 260˚ C.
Cables with /12 component wires and FEP jacket: -55 to 200˚ C.
See page 40 for component wire dimensions.
Construction Details
Component wire conductor:
/11 component wires: Silver-plated copper;
/12 component wires: Nickel-plated copper.
Component wire insulation:
Extruded PTFE.
Shield:
Nickel- or silver-plated copper braid, 85% coverage.
Jacket:
Extruded FEP or PTFE tape.
Colors:
Color coded to M27500 (see page 67).
Certifications also available to NEMA WC27500.
Dimensions and Weight—1 Conductor Cables
Dimensions and Weight—2 Conductor Cables
Dimensions and Weight—3 Conductor Cables*
Dimensions and Weight—4 Conductor Cables
Dimensions in inches (mm). Weights in pounds/1000 feet (Kg/1000 M). All values are nominal. *Using factors from a circumscribed circle per M27500.
Component Wire
Shield
Jacket
Weight
AWG (Stranding)
Diameter
Diameter
8 (133/29)
.515 (13.1)
.551 (14.0)
340 (506)
10
(37/26)
.355 (9.02)
.391 (9.93)
179 (266)
12
(19/25)
.288 (7.30)
.324 (8.22)
120 (179)
14
(19/27)
.233 (5.92)
.257 (6.53)
78.6 (117)
16
(19/29)
.197 (5.00)
.221 (5.61)
52.6 (78.3)
18
(19/30)
.180 (4.57)
.204 (5.18)
46.5 (69.2)
20
(19/32)
.156 (3.96)
.184 (4.67)
34.4 (51.2)
22
(19/34)
.134 (3.41)
.156 (3.96)
23.9 (35.6)
24
(19/36)
.120 (3.04)
.142 (3.61)
19.0 (28.3)
26
(19/38)
.108 (2.73)
.130 (3.30)
15.4 (22.9)
28
(7/36)
.096 (2.43)
.118 (3.00)
12.3 (18.3)
Component Wire
Shield
Jacket
Weight
AWG (Stranding)
Diameter
Diameter
8 (133/29)
.462 (11.7)
.498 (12.7)
248 (369)
10
(37/26)
.319 (8.10)
.356 (9.04)
138 (205)
12
(19/25)
.255 (6.47)
.280 (7.10)
90.9 (135)
14
(19/27)
.210 (5.32)
.234 (5.93)
61.7 (91.8)
16
(19/29)
.177 (4.50)
.201 (5.11)
43.7 (65.0)
18
(19/30)
.162 (4.12)
.186 (4.73)
37.0 (55.1)
20
(19/32)
.141 (3.57)
.163 (4.14)
26.2 (39.0)
22
(19/34)
.121 (3.08)
.143 (3.63)
19.3 (28.7)
24
(19/36)
.108 (2.75)
.132 (3.36)
15.5 (23.1)
26
(19/38)
.098 (2.48)
.122 (3.09)
12.9 (19.2)
28
(7/36)
.087 (2.21)
.109 (2.77)
10.2 (15.2)
Component Wire
Shield
Jacket
Weight
AWG (Stranding)
Diameter
Diameter
8 (133/29)
.432 (11.0)
.468 (11.9)
170 (253)
10
(37/26)
.298 (7.57)
.335 (8.51)
95.4 (142)
12
(19/25)
.238 (6.05)
.262 (6.65)
64.6 (96.1)
14
(19/27)
.196 (4.98)
.220 (5.59)
44.9 (66.8)
16
(19/29)
.166 (4.22)
.190 (4.83)
32.1 (47.8)
18
(19/30)
.152 (3.86)
.176 (4.47)
27.2 (40.5)
20
(19/32)
.132 (3.35)
.156 (3.96)
19.4 (28.9)
22
(19/34)
.114 (2.90)
.136 (3.45)
14.6 (21.7)
24
(19/36)
.102 (2.59)
.124 (3.15)
12.2 (18.2)
26
(19/38)
.092 (2.34)
.114 (2.90)
9.93 (14.8)
28
(7/36)
.082 (2.08)
.104 (2.64)
8.39 (12.5)
Component Wire
Shield
Jacket
Weight
AWG (Stranding)
Diameter
Diameter
8 (133/29)
.222 (5.64)
.246 (6.25)
83.3 (124)
10
(37/26)
.155 (3.94)
.179 (4.55)
47.8 (71.1)
12
(19/25)
.127 (3.23)
.149 (3.78)
32.2 (47.9)
14
(19/27)
.106 (2.69)
.128 (3.25)
22.6 (33.6)
16
(19/29)
.091 (2.31)
.113 (2.87)
16.5 (24.6)
18
(19/30)
.084 (2.13)
.106 (2.69)
14.5 (21.6)
20
(19/32)
.074 (1.88)
.096 (2.44)
11.0 (16.4)
22
(19/34)
.065 (1.65)
.087 (2.21)
8.90 (13.2)
24
(19/36)
.059 (1.50)
.081 (2.06)
7.01 (10.4)
26
(19/38)
.054 (1.37)
.076 (1.93)
6.20 (9.23)
28
(7/36)
.049 (1.24)
.071 (1.80)
5.50 (8.19)
Part Numbers:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com