Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1111EEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1111EEE
Description  2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1111EEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1111EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
+2.7V, Low-Power, Multichannel,
Serial 8-Bit ADCs
6
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(VDD = +2.7V; fSCLK = 500kHz; external clock (50% duty cycle); RL = ∞; TA = +25°C, unless otherwise noted.)
400
100
2.5
6.0
SUPPLY CURRENT vs. SUPPLY VOLTAGE
150
350
SUPPLY VOLTAGE (V)
3.0
3.5
4.0
4.5
5.0
5.5
300
250
200
OUTPUT CODE = 10101010
CLOAD = 60pF
CLOAD = 30pF
160
60
-60
140
SUPPLY CURRENT vs. TEMPERATURE
80
140
TEMPERATURE (°C)
-20
20
60
100
120
100
OUTPUT CODE = FULL SCALE
CLOAD = 10pF
VDD = 5.5V
VDD = 3.6V
5.0
2.0
-60
140
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
2.5
4.5
TEMPERATURE (°C)
-20
20
60
100
4.0
3.5
3.0
SHDN = DGND
0.8
0
2.5
6.0
OFFSET ERROR vs. SUPPLY VOLTAGE
0.1
0.7
0.6
SUPPLY VOLTAGE (V)
3.0
3.5
4.0
4.5
5.0
5.5
0.5
0.4
0.3
0.2
0.5
0
2.5
6.0
INTEGRAL NONLINEARITY vs.
SUPPLY VOLTAGE
0.1
0.4
SUPPLY VOLTAGE (V)
3.0
3.5
4.0
4.5
5.0
5.5
0.3
0.2
0.3
-0.3
0
256
DIFFERENTIAL NONLINEARITY
vs. CODE
-0.2
0.2
0.1
DIGITAL CODE
64
128
192
0
-0.1
0.6
0
-60
140
OFFSET ERROR vs. TEMPERATURE
0.1
0.2
0.5
TEMPERATURE (°C)
-20
20
60
100
0.4
0.3
0.20
-0.20
0
256
INTEGRAL NONLINEARITY
vs. CODE
-0.10
-0.15
0.15
0.10
0.05
DIGITAL CODE
64
128
192
0
-0.05
20
-100
025
FFT PLOT
-80
-20
0
FREQUENCY (kHz)
5
101520
-60
-40
fCH_ = 10.034kHz, 2Vp-p
fSAMPLE = 50ksps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com