Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1111EEE Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX1111EEE
Description  2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1111EEE Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX1111EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 16Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 17Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 18Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 19Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
+2.7V, Low-Power, Multichannel,
Serial 8-Bit ADCs
______________________________________________________________________________________
17
Internal Reference
To use the MAX1110/MAX1111 with the internal refer-
ence, connect REFIN to REFOUT. The full-scale range
of the MAX1110/MAX1111 with the internal reference is
typically 2.048V with unipolar inputs, and ±1.024V with
bipolar inputs. The internal reference should be
bypassed to AGND with a 1µF capacitor placed as
close to the REFIN pin as possible.
Transfer Function
Table 4 shows the full-scale voltage ranges for unipolar
and bipolar modes. Figure 15 depicts the nominal, unipo-
lar I/O transfer function, and Figure 16 shows the bipolar
I/O transfer function when using a 2.048V reference.
Code transitions occur at integer LSB values. Output cod-
ing is binary, with 1LSB = 8mV (2.048V/256) for unipolar
operation and 1LSB = 8mV [(2.048V/2 - -2.048V/2)/256]
for bipolar operation.
POWERED UP
POWER-
DOWN
POWERED
UP
POWERED UP
DATA VALID
DATA VALID
DATA
INVALID
EXTERNAL
EXTERNAL
INTERNAL
SX XXXX 11
S
0 1
XX
X
X
X
X X XXX
S1 1
POWER-
DOWN
MODE
DOUT
DIN
CLOCK
MODE
SHDN
SETS EXTERNAL
CLOCK MODE
SETS EXTERNAL
CLOCK MODE
SETS POWER-
DOWN MODE
Figure 14a. Power-Down Modes, External Clock Timing Diagram
POWER-DOWN
POWERED
UP
POWERED UP
DATA VALID
DATA VALID
INTERNAL CLOCK MODE
SX XXXX 10
S
0 0
XX
X
X
X
S
MODE
DOUT
DIN
SETS INTERNAL
CLOCK MODE
SETS POWER-DOWN MODE
CONVERSION
CONVERSION
SSTRB
Figure 14b. Power-Down Modes, Internal Clock Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com