Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1111EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1111EEE
Description  2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1111EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1111EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
+2.7V, Low-Power, Multichannel,
Serial 8-Bit ADCs
_______________________________________________________________________________________
5
ns
100
tCSS
Figure 1, external clock mode only,
CLOAD = 100pF
ns
CS to SCLK Rise Setup
240
Figure 1, CLOAD = 100pF
ns
20
200
ns
0
tCSH
CONDITIONS
CS to SCLK Rise Hold
240
tDV
CS Fall to Output Enable
Figure 2, CLOAD = 100pF
ns
240
tTR
CS Rise to Output Disable
tSDV
CS Fall to SSTRB Output Enable
(Note 6)
Figure 2, external clock mode only,
CLOAD = 100pF
ns
240
tSTR
CS Rise to SSTRB Output
Disable (Note 6)
Figure 11, internal clock mode only
ns
0
tSCK
SSTRB Rise to SCLK Rise
(Note 6)
ns
200
tCH
SCLK Pulse Width High
ns
200
tCL
SCLK Pulse Width Low
CLOAD = 100pF
ns
240
tSSTRB
SCLK Fall to SSTRB
ns
0
tDH
DIN to SCLK Hold
µs
1
tACQ
Track/Hold Acquisition Time
ns
100
tDS
DIN to SCLK Setup
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
TIMING CHARACTERISTICS (Figures 8 and 9)
(VDD = +2.7V to +5.5V, TA = TMIN to TMAX, unless otherwise noted.)
Note 1:
Relative accuracy is the analog value’s deviation (at any code) from its theoretical value after the full-scale range is calibrated.
Note 2:
See
Typical Operating Characteristics.
Note 3:
VREFIN = 2.048V, offset nulled.
Note 4:
On-channel grounded; sine wave applied to all off-channels.
Note 5:
Conversion time is defined as the number of clock cycles multiplied by the clock period; clock has 50% duty cycle.
Note 6:
Guaranteed by design. Not subject to production testing.
Note 7:
Common-mode range for the analog inputs is from AGND to VDD.
Note 8:
External load should not change during the conversion for specified accuracy.
Note 9:
External reference at 2.048V, full-scale input, 500kHz external clock.
Note 10: Measured as
| VFS (2.7V) - VFS (3.6V) |.
Note 11: 1µF at REFOUT; internal reference settling to 0.5LSB.
ns
20
240
tDO
SCLK Fall to Output Data Valid
Figure 1,
CLOAD = 100pF
MAX111_C/E
MAX111_M
External reference
20
Internal reference (Note 11)
µs
12
tWAKE
Wake-Up Time
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com