Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1111EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1111EEE
Description  2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1111EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1111EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
+2.7V, Low-Power, Multichannel,
Serial 8-Bit ADCs
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.5V; unipolar input mode; COM = 0V; fSCLK = 500kHz, external clock (50% duty cycle); 10 clocks/conversion
cycle (50ksps); 1µF capacitor at REFOUT; TA = TMIN to TMAX; unless otherwise noted.)
CS = VDD (Note 6)
CS = VDD
ISOURCE = 0.5mA
ISINK = 5mA
SHDN = open
SHDN = 0V or VDD
(Note 6)
Digital inputs = 0V or VDD
SHDN = open
CONDITIONS
pF
15
COUT
Three-State Output Capacitance
µA
±0.01
±10
IL
Three-State Leakage Current
V
VDD - 0.5
VOH
Output High Voltage
V
0.4
VOL
Output Low Voltage
nA
±100
SHDN Maximum Allowed Leakage
for Mid-Input
V
VDD / 2
VFLT
SHDN Voltage, Floating
µA
±4
SHDN Input Current
V
VDD - 0.4
VSH
SHDN Input High Voltage
V
0.8
VIL
DIN, SCLK, CS Input Low Voltage
V
1.1
VDD - 1.1
ISINK = 16mA
VSM
0.8
pF
15
CIN
DIN, SCLK, CS Input Capacitance
µA
±1
IIN
DIN, SCLK, CS Input Leakage
SHDN Input Mid-Voltage
V
0.2
VHYST
DIN, SCLK, CS Input Hysteresis
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
V
0.4
VSL
SHDN Input Low Voltage
VDD ≤ 3.6V
VDD > 3.6V
V
2
VIH
DIN, SCLK, CS Input High Voltage
3
DIGITAL INPUTS: DIN, SCLK, CS
DIGITAL OUTPUTS: DOUT, SSTRB
SHDN INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com