Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1111EEE Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX1111EEE
Description  2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1111EEE Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX1111EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 16Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 17Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
+2.7V, Low-Power, Multichannel,
Serial 8-Bit ADCs
14
______________________________________________________________________________________
SSTRB
CS
SCLK
DIN
DOUT
14
8
12
15
17
START
SEL2 SEL1 SEL0
UNI/
BIP
SGL/
DIF
PD1
PD0
B7
B6
B1
B0
tACQ
4µs (fSCLK = 500kHz)
IDLE
FILLED WITH
ZEROS
IDLE
CONVERSION
25µs TYP
A/D STATE
2
3
5
6
7
9
10
11
16
18
tCONV
Figure 10. Internal Clock Mode Timing
PD0 CLOCK IN
tSSTRB
tCSH
tCONV
tSCK
SSTRB
SCLK
tCSS
NOTE: FOR BEST NOISE PERFORMANCE, KEEP SCLK LOW DURING CONVERSION.
CS
Figure 11. Internal Clock Mode SSTRB Detailed Timing
Internal Clock
Internal clock mode frees the µP from the burden of
running the SAR conversion clock. This allows the con-
version results to be read back at the processor’s con-
venience, at any clock rate up to 2MHz. SSTRB goes
low at the start of the conversion and then goes high
when the conversion is complete. SSTRB is low for
25µs (typically), during which time SCLK should remain
low for best noise performance.
An internal register stores data when the conversion is
in progress. SCLK clocks the data out of this register at
any time after the conversion is complete. After SSTRB
goes high, the second falling clock edge produces the
MSB of the conversion at DOUT, followed by the
remaining bits in MSB-first format (Figure 10). CS does
not need to be held low once a conversion is started.
Pulling CS high prevents data from being clocked into
the MAX1110/MAX1111 and three-states DOUT, but it
does not adversely affect an internal clock-mode con-
version already in progress. When internal clock mode
is selected, SSTRB does not go into a high-impedance
state when CS goes high.
Figure 11 shows the SSTRB timing in internal clock
mode. In this mode, data can be shifted in and out of
the MAX1110/MAX1111 at clock rates up to 2MHz, pro-
vided that the minimum acquisition time, tACQ, is kept
above 1µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com