Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1111EEE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1111EEE
Description  2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1111EEE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1111EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
+2.7V, Low-Power, Multichannel,
Serial 8-Bit ADCs
_______________________________________________________________________________________
9
Table 1a. MAX1110 Channel Selection in Single-Ended Mode (SGL/DIF = 1)
Table 1b. MAX1110 Channel Selection in Differential Mode (SGL/DIF = 0)
Table 2a. MAX1111 Channel Selection in Single-Ended Mode (SGL/DIF = 1)
Table 2b. MAX1111 Channel Selection in Differential Mode (SGL/DIF = 0)
–
+
1
1
1
–
+
1
CH2
1
0
–
+
0
CH3
1
1
–
+
0
CH1
1
0
+
–
1
+
CH0
0
1
+
–
1
0
0
+
–
0
0
1
–
COM
CH7
CH6
SEL2
CH5
CH4
0
0
0
SEL0
SEL1
+
–
1
1
1
+
–
0
CH2
1
1
–
+
1
CH3
0
1
+
–
0
–
CH1
0
1
–
+
1
+
CH0
1
0
–
+
0
1
0
+
–
1
0
0
CH7
CH6
SEL2
CH5
CH4
0
0
0
SEL0
SEL1
+
X
1
1
+
X
CH1
1
0
+
CH0
+
X
0
1
SEL2
CH3
CH2
X
0
0
SEL0
SEL1
+
–
X
1
1
+
–
X
–
CH1
0
1
+
CH0
–
+
X
1
0
SEL2
CH3
CH2
X
0
0
SEL0
SEL1
–
–
–
–
COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com