Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1111EEE Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX1111EEE
Description  2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1111EEE Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX1111EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 16Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 17Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 18Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 19Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
+2.7V, Low-Power, Multichannel,
Serial 8-Bit ADCs
______________________________________________________________________________________
19
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
VDD
SCLK
CS
DIN
CH3
CH2
CH1
CH0
TOP VIEW
SSTRB
DOUT
DGND
AGND
CH7
CH6
CH5
CH4
12
11
9
10
REFOUT
REFIN
SHDN
COM
MAX1110
DIP/SSOP
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VDD
SCLK
CS
DIN
SSTRB
DOUT
DGND
AGND
CH0
CH1
CH2
CH3
COM
SHDN
REFIN
REFOUT
MAX1111
DIP/QSOP
Pin Configurations
Chip Information
Ordering Information (continued)
PART
MAX1110EAP
MAX1110MJP
-55°C to +125°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
20 SSOP
20 CERDIP**
**
Contact factory for availability.
TRANSISTOR COUNT: 1996
SUBSTRATE CONNECTED TO DGND
MAX1110EPP
-40°C to +85°C
20 Plastic DIP
MAX1111CPE
MAX1111EPE
MAX1111EEE
-40°C to +85°C
-40°C to +85°C
0°C to +70°C
16 Plastic DIP
16 Plastic DIP
16 QSOP
MAX1111CEE
0°C to +70°C
16 QSOP
MAX1111MJE
-55°C to +125°C
16 CERDIP**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com