Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1111EEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1111EEE
Description  2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1111EEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1111EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
+2.7V, Low-Power, Multichannel,
Serial 8-Bit ADCs
8
_______________________________________________________________________________________
_______________Detailed Description
The MAX1110/MAX1111 analog-to-digital converters
(ADCs) use a successive-approximation conversion
technique and input track/hold (T/H) circuitry to convert
an analog signal to an 8-bit digital output. A flexible seri-
al interface provides easy interface to microprocessors
(µPs). Figure 3 shows the Typical Operating Circuit.
Pseudo-Differential Input
The sampling architecture of the ADC’s analog com-
parator is illustrated in Figure 4, the equivalent input cir-
cuit. In single-ended mode, IN+ is internally switched to
the selected input channel, CH_, and IN- is switched to
COM. In differential mode, IN+ and IN- are selected
from the following pairs: CH0/CH1, CH2/CH3,
CH4/CH5, and CH6/CH7. Configure the MAX1110
channels with Table 1 and the MAX1111 channels with
Table 2.
In differential mode, IN- and IN+ are internally switched
to either of the analog inputs. This configuration is
pseudo-differential to the effect that only the signal at
IN+ is sampled. The return side (IN-) must remain sta-
ble within ±0.5LSB (±0.1LSB for best results) with
respect to AGND during a conversion. To accomplish
this, connect a 0.1µF capacitor from IN- (the selected
analog input) to AGND.
During the acquisition interval, the channel selected as
the positive input (IN+) charges capacitor CHOLD. The
acquisition interval spans two SCLK cycles and ends
on the falling SCLK edge after the last bit of the input
control word has been entered. At the end of the acqui-
sition interval, the T/H switch opens, retaining charge
on CHOLD as a sample of the signal at IN+. The conver-
sion interval begins with the input multiplexer switching
CHOLD from the positive input (IN+) to the negative
input (IN-). In single-ended mode, IN- is simply COM.
This unbalances node ZERO at the input of the com-
parator. The capacitive DAC adjusts during the remain-
der of the conversion cycle to restore node ZERO to 0V
within the limits of 8-bit resolution. This action is equiva-
lent to transferring a charge of 18pF x (VIN+ - VIN-) from
CHOLD to the binary-weighted capacitive DAC, which in
turn forms a digital representation of the analog input
signal.
Track/Hold
The T/H enters its tracking mode on the falling clock
edge after the sixth bit of the 8-bit control byte has
been shifted in. It enters its hold mode on the falling
clock edge after the eighth bit of the control byte has
been shifted in. If the converter is set up for single-
ended inputs, IN- is connected to COM, and the con-
verter samples the “+” input; if it is set up for differential
inputs, IN- connects to the “-” input, and the difference
(IN+ - IN-) is sampled. At the end of the conversion, the
positive input connects back to IN+, and CHOLD
charges to the input signal.
VDD
I/O
SCK (SK)
MOSI (SO)
MISO (SI)
VSS
SHDN
SSTRB
DOUT
DIN
SCLK
CS
COM
DGND
AGND
VDD
CH7
1
µF
0.1
µF
1
µF
CH0
ANALOG
INPUTS
MAX1110
MAX1111
CPU
+2.7V
REFIN
REFOUT
Figure 3. Typical Operating Circuit
CH0
CH1
CH2
CH3
CH4*
CH5*
CH6*
CH7*
COM
CSWITCH
TRACK
T/H
SWITCH
CHOLD
HOLD
CAPACITIVE DAC
REFIN
ZERO
COMPARATOR
–
+
18pF
6.5k
RIN
SINGLE-ENDED MODE: IN+ = CHO–CH7, IN- = COM.
DIFFERENTIAL MODE: IN+ AND IN- SELECTED FROM PAIRS OF
CH0/CH1, CH2/CH3, CH4*/CH5*, CH6*/CH7*.
*MAX1110 ONLY
AT THE SAMPLING INSTANT,
THE MUX INPUT SWITCHES
FROM THE SELECTED IN+
CHANNEL TO THE SELECTED
IN- CHANNEL.
INPUT
MUX
Figure 4. Equivalent Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com