Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1111EEE Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX1111EEE
Description  2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1111EEE Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX1111EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 16Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 17Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 18Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 19Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Layout, Grounding, and Bypassing
For best performance, use printed circuit boards. Wire-
wrap boards are not recommended. Board layout
should ensure that digital and analog signal lines are
separated from each other. Do not run analog and digi-
tal (especially clock) lines parallel to one another, or
digital lines underneath the ADC package.
Figure 17 shows the recommended system ground
connections. A single-point analog ground (star ground
point) should be established at AGND, separate from
the logic ground. Connect all other analog grounds and
DGND to the star ground. No other digital system
ground should be connected to this ground. The
ground return to the power supply for the star ground
should be low impedance and as short as possible for
noise-free operation.
High-frequency noise in the VDD power supply may
affect the comparator in the ADC. Bypass the supply to
the star ground with 0.1µF and 1µF capacitors close to
the VDD pin of the MAX1110/MAX1111. Minimize
capacitor lead lengths for best supply-noise rejection. If
the +3V power supply is very noisy, a 10
Ω resistor can
be connected to form a lowpass filter.
+2.7V, Low-Power, Multichannel,
Serial 8-Bit ADCs
18
______________________________________________________________________________________
+3V
GND
SUPPLIES
DGND
+3V
DGND
AGND
VDD
DIGITAL
CIRCUITRY
MAX1110
MAX1111
R* = 10
Ω
* OPTIONAL
Figure 17. Power-Supply Grounding Connections
01111111
OUTPUT CODE
01111110
00000010
00000001
00000000
11111111
11111110
11111101
10000001
10000000
-FS
COM
INPUT VOLTAGE (LSB)
+FS -
1
LSB
2
+FS =
VREFIN
+ COM
2
-FS =
-VREFIN
+ COM
2
COM =
VREFIN
2
1LSB =
VREFIN
256
Figure 16. Bipolar Transfer Function
OUTPUT CODE
FULL-SCALE
TRANSITION
11111111
11111110
11111101
00000011
00000010
00000001
00000000
12
3
0
FS
FS - 1LSB
FS = VREFIN + COM
1LSB = VREFIN
256
INPUT VOLTAGE (LSB)
(COM)
Figure 15. Unipolar Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com