Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1111EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1111EEE
Description  2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1111EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1111EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
General Description
The MAX1110/MAX1111 are low-power, 8-bit, 8-chan-
nel analog-to-digital converters (ADCs) that feature an
internal track/hold, voltage reference, clock, and serial
interface. They operate from a single +2.7V to +5.5V
supply and consume only 85µA while sampling at rates
up to 50ksps. The MAX1110’s 8 analog inputs and the
MAX1111’s 4 analog inputs are software-configurable,
allowing unipolar/bipolar and single-ended/differential
operation.
Successive-approximation conversions are performed
using either the internal clock or an external serial-inter-
face clock. The full-scale analog input range is deter-
mined by the 2.048V internal reference, or by an
externally applied reference ranging from 1V to VDD.
The 4-wire serial interface is compatible with the SPI™,
QSPI™, and MICROWIRE™ serial-interface standards.
A serial-strobe output provides the end-of-conversion
signal for interrupt-driven processors.
The MAX1110/MAX1111 have a software-program-
mable, 2µA automatic power-down mode to minimize
power consumption. Using power-down, the supply
current is reduced to 6µA at 1ksps, and only 52µA at
10ksps. Power-down can also be controlled using the
SHDN input pin. Accessing the serial interface automat-
ically powers up the device.
The MAX1110 is available in 20-pin SSOP and DIP
packages. The MAX1111 is available in small 16-pin
QSOP and DIP packages.
________________________Applications
Portable Data Logging
Hand-Held Measurement Devices
Medical Instruments
System Diagnostics
Solar-Powered Remote Systems
4–20mA-Powered Remote
Data-Acquisition Systems
____________________________Features
o +2.7V to +5.5V Single Supply
o Low Power: 85µA at 50ksps
6µA at 1ksps
o 8-Channel Single-Ended or 4-Channel Differential
Inputs (MAX1110)
o 4-Channel Single-Ended or 2-Channel Differential
Inputs (MAX1111)
o Internal Track/Hold; 50kHz Sampling Rate
o Internal 2.048V Reference
o SPI/QSPI/MICROWIRE-Compatible Serial Interface
o Software-Configurable Unipolar or Bipolar Inputs
o Total Unadjusted Error: ±1LSB max
±0.3LSB typ
+2.7V, Low-Power, Multichannel,
Serial 8-Bit ADCs
________________________________________________________________
Maxim Integrated Products
1
INPUT
SHIFT
REGISTER
CONTROL
LOGIC
INT
CLOCK
OUTPUT
SHIFT
REGISTER
+2.048V
REFERENCE
T/H
ANALOG
INPUT
MUX
8-BIT
SAR ADC
IN
DOUT
SSTRB
VDD
DGND
AGND
SCLK
DIN
CH0
CH1
CH3
CH2
CH7*
CH6*
CH5*
CH4*
COM
REFOUT
*MAX1110 ONLY
REFIN
OUT
REF
CLOCK
MAX1110
MAX1111
CS
SHDN
________________Functional Diagram
19-1194; Rev 2; 10/98
PART
MAX1110CPP
MAX1110CAP
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
20 Plastic DIP
20 SSOP
EVALUATION
KIT
AVAILABLE
Ordering Information
Ordering Information continued at end of data sheet.
*
Dice are specified at TA = +25°C, DC parameters only.
Pin Configurations appear at end of data sheet.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
For small orders, phone 1-800-835-8769.
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
MAX1110C/D
0°C to +70°C
Dice*


Similar Part No. - MAX1111EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1111 MAXIM-MAX1111 Datasheet
287Kb / 20P
2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX11110 MAXIM-MAX11110 Datasheet
2Mb / 25P
2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 0; 4/10
MAX11110 MAXIM-MAX11110 Datasheet
2Mb / 30P
2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs 2.2V to 3.6V Supply Voltage
Rev 4; 2/11
MAX11110AUT+ MAXIM-MAX11110AUT+ Datasheet
2Mb / 25P
2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 0; 4/10
MAX11110AUT+ MAXIM-MAX11110AUT+ Datasheet
2Mb / 30P
2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
More results

Similar Description - MAX1111EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148 MAXIM-MAX148_09 Datasheet
2Mb / 23P
2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com