Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1111EEE Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX1111EEE
Description  2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1111EEE Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX1111EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 16Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 17Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 18Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
+2.7V, Low-Power, Multichannel,
Serial 8-Bit ADCs
______________________________________________________________________________________
15
SCLK
DIN
DOUT
CS
S
CONTROL BYTE 0
CONTROL BYTE 1
S
CONVERSION RESULT 0
B7
B0
B7
B0
B7
CONVERSION RESULT 1
CONVERSION RESULT 2
SSTRB
CONTROL BYTE 2
S
1
888
10
1
10
1
10
1
CONTROL BYTE 3
S
Figure 12a. Continuous Conversions, External Clock Mode, 10 Clocks/Conversion Timing
CS
SCLK
DIN
DOUT
S
CONTROL BYTE 0
CONTROL BYTE 1
S
CONVERSION RESULT 0
B7
B0
B7
CONVERSION RESULT 1
Figure 12b. Continuous Conversions, External Clock Mode, 16 Clocks/Conversion Timing
Data Framing
The falling edge of CS does not start a conversion. The
first logic high clocked into DIN is interpreted as a start
bit and defines the first bit of the control byte. A conver-
sion starts on the falling edge of SCLK, after the eighth
bit of the control byte (the PD0 bit) is clocked into DIN.
The start bit is defined as:
The first high bit clocked into DIN with CS low any
time the converter is idle; e.g., after VDD is applied.
OR
The first high bit clocked into DIN after the MSB of a
conversion in progress is clocked onto the DOUT
pin.
If CS is toggled before the current conversion is com-
plete, then the next high bit clocked into DIN is recog-
nized as a start bit; the current conversion is
terminated, and a new one is started.
The fastest the MAX1110/MAX1111 can run is 10
clocks per conversion. Figure 12a shows the serial-
interface timing necessary to perform a conversion
every 10 SCLK cycles in external clock mode.
Many microcontrollers require that conversions occur in
multiples of eight SCLK clocks; 16 clocks per conver-
sion is typically the fastest that a microcontroller can
drive the MAX1110/MAX1111. Figure 12b shows the
serial-interface timing necessary to perform a conver-
sion every 16 SCLK cycles in external clock mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com