Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT03 Datasheet(PDF) 57 Page - Omron Electronics LLC

Part # CS1W-RPT03
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT03 Datasheet(HTML) 57 Page - Omron Electronics LLC

Back Button CS1W-RPT03 Datasheet HTML 53Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 54Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 55Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 56Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 57Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 58Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 59Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 60Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 61Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 70 page
background image
Programmable Controllers SYSMAC
CS1G/H
45
■ GP-IB Interface Unit
*Up to four GP-IP Interface Units can be mounted to the CS1 CPU Backplane (CS1W-BC@@@) and CS1 Expansion Backplanes (CS1W-BI@@@) of one PLC.
■ SYSMAC SPU (High-speed Data Storage Unit)
*SPU-Console version lower than version 2.0 cannot be connected to SYSMAC SPU Units with unit version 2.0 or later.
Unit type
Product name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
CPU Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
CS1
Special
I/O Unit
GP-IB
Interface Unit
Master or slave mode
provided.
*
Yes
*
Yes
No
*
Yes
*
Yes
Yes
No
1 unit
number’s
words
0.33
---
CS1W-GPI01
UC, CE
Unit
type
Product name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
CPU Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
PC Card slot
Ethernet
LAN port
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
CS1
CPU
Bus Unit
SYSMAC SPU
(High-speed
Data Storage
Unit)
1 PC Card Type II
slot Insert an
OMRON
HMC-EF
@@@ to
use the Memory
Card.
1 port
(10/100
BASE-TX)
YesYes
No
YesYes
Yes
No
1 unit
number’s
words
0.56
---
CS1W-SPU01-V2
UC1, CE
2 ports
(10/100
BASE-TX)
0.70
---
CS1W-SPU02-V2
SPU-
Console
Support
Software
*
Functions: Setting the
High-speed Data Storage Unit's
unit settings, sampling settings,
etc. (The software is required to
make the High-speed Data
Storage Unit's settings.)
OS: Windows 2000, XP, or Vista
---
---
WS02-SPTC1-V2
---
SYSMAC
SPU Data
Management
Middleware
Functions: Automatically
uploads collected data files from
the SYSMAC SPU to the
computer, and can also register
the data in a database.
OS: Windows 2000, XP, or Vista
---
1 license
WS02-EDMC1-V2
---
5 licenses
WS02-EDMC1-
V2L05
Memory
Cards
Flash memory:
128 MB
Note:
A memory
Card is
required to
collect
data.
---
---
HMC-EF183
---
Flash memory:
256 MB
---
---
HMC-EF283
Flash memory:
512 MB
---
---
HMC-EF583
Memory Card Adapter
(for a computer’s PCMCIA slot)
---
---
HMC-AP001
CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com