Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT03 Datasheet(PDF) 35 Page - Omron Electronics LLC

Part # CS1W-RPT03
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT03 Datasheet(HTML) 35 Page - Omron Electronics LLC

Back Button CS1W-RPT03 Datasheet HTML 31Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 32Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 33Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 34Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 35Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 36Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 37Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 38Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 39Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
Programmable Controllers SYSMAC
CS1G/H
23
■ Connecting Cables for CX-One Components (e.g. CX-Programmer)
Product name
Specifications
Model
Standards
Applicable
computers
Connection configuration
Cable
length
Remarks
Cables
between
Programming
Device
(computer)
and
peripheral
port
IBM PC/AT or
compatible
computer
(D-Sub 9-pin)
IBM PC/AT or compatible computer + CS1W-CN226/626 +
Peripheral port of CPU Unit
2 m
Can be used
for both
peripheral bus
and host link.
CS1W-CN226
CE
6 m
CS1W-CN626
The following configuration can be used when using an
RS-232C cable to connect to an IBM PC/AT or compatible
computer.
IBM PC/AT or compatible computer + XW2Z-200S-CV/V or
XW2Z-500S-CV/V + Peripheral port of CPU Unit.
0.1 m
Use when
connecting to
the peripheral
port with a
XW2Z-200S-
CV/V or
XW2Z-500S-
CV/V
RS-232C
Cable.
CS1W-CN118
Connecting Cables
between Programming
Device (computer) and
RS-232C port
IBM PC/AT or
compatible
computer
(D-Sub 9-pin)
IBM PC/AT or compatible computer + XW2Z-200S-CV/V or
XW2Z-500S-CV/V + RS-232C port of CPU Unit or Serial
Communications Board/Unit
Note: We recommend the following configuration if the
CX-Programmer is always connected and you want to
avoid switching to the other CPU Unit when an error
occurs.
2 m
Can be used
for both
peripheral bus
and host link,
and is
equipped with
an anti-static
connector.
XW2Z-200S-CV
---
5 m
XW2Z-500S-CV
2 m
Can be used
for host link
only. Cannot
be used for
peripheral
bus.
XW2Z-200S-V
5 m
XW2Z-500S-V
USB-Serial Conversion
Cable (PC driver CD-ROM
included)
Conforms to USB 1.1
Specifications.
IBM PC/AT or
compatible
computer
(D-Sub 9-pin)
IBM PC/AT or compatible computer +
CS1W-CIF31 + CS1W-CN226/626 + Peripheral
port of CPU Unit
The USB
Serial
Conversion
Cable
connects to
the serial
connecting
cable,
which
connects to
the PLC’s
peripheral
port or
RS-232C
port.
0.5 m
Can be used
for both
peripheral bus
and host link.
CS1W-CIF31
N
IBM PC/AT or compatible computer +
CS1W-CIF31 + XW2Z-200S-CV/500S-CV +
CS1W-CN118 + Peripheral port of CPU Unit
Can be used
for both
peripheral bus
and host link.
IBM PC/AT or compatible computer +
CS1W-CIF31 + XW2Z-200S-V/500S-V +
CS1W-CN118 + Peripheral port of CPU Unit
Can be used
for host link
only. Cannot
be used for
peripheral
bus.
IBM PC/AT or compatible computer +
CS1W-CIF31 + XW2Z-200S-CV/500S-CV +
CS1W-CN118 + RS-232C port of CPU Unit or
Serial Communications Board/Unit
Can be used
for both
peripheral bus
and host link.
IBM PC/AT or compatible computer +
CS1W-CIF31 + XW2Z-200S-V/500S-V + RS-232C
port of CPU Unit or Serial Communications Board/
Unit
Can be used
for host link
only. Cannot
be used for
peripheral
bus.
Computer
(9-pin RS-232C)
RS-232C
Peripheral Port
Connecting Cable
CS1W-CN226/626
Peripheral port
RS-232C Cable
XW2Z-200S-CV/V
XW2Z-500S-CV/V
CS1W-CN118
Peripheral port
Computer
(9-pin RS-232C)
CPU Unit's built-in
RS-232C port
Serial Communications Board's
RS-232C ports
RS-232C Cable
XW2Z-200S-CV/V (2 m)
XW2Z-500S-CV/V (5 m)
CX-Programmer
RS-422A Adapter
CJ1W-CIF11
or NT-AL001
Terminator ON
+5 V must be supplied to the
NT-AL001 at computer side.
Active CPU Unit
Standby CPU Unit
RS-422A/485
RS-422A/485
RS-232C
NT-AL001
+5V
PORT
BUSY
RUN
ERR/ALM
INH
PRPHL
MCPWR
BKUP
COMM
SYSMAC
CS1D-CPU67H
PROGRAMMABLE CONTROLLER
PORT
BUSY
RUN
ERR/ALM
INH
PRPHL
MCPWR
BKUP
COMM
SYSMAC
CS1D-CPU67H
PROGRAMMABLE CONTROLLER
OPEN
OPEN
PERIPHERAL
PERIPHERAL
DPL01
DPL STATUS
CPU STATUS
CPU STATUS
ACTIVE
ACTIVE
L
R
LEFT CPU
RIGHT CPU
DPL SW
USE
NO USE
USE
NO USE
ON
ON
INIT.
SPL
ACT.
LEFT
PRPHL
COMM
A39512
RSV
ACT.
RIGHT
DPL
OFF
ON
SW
DUPLEX
Computer
USB port
Peripheral port or
RS-232C port
USB-Serial Conversion Cable
CS1W-CIF31
Serial Connecting Cable
CS1W-CN226/626
XW2Z-200S-CV/500S-CV
XW2Z-200S-V/500S-V
CQM1-CIF02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com