Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT03 Datasheet(PDF) 52 Page - Omron Electronics LLC

Part # CS1W-RPT03
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT03 Datasheet(HTML) 52 Page - Omron Electronics LLC

Back Button CS1W-RPT03 Datasheet HTML 48Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 49Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 50Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 51Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 52Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 53Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 54Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 55Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 56Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
40
Programmable Controllers SYSMAC
CS1G/H
● Industrial Switching Hubs
■ Controller Link Units
● Controller Link Options
*1. Use the following special cable for shielded, twisted-pair cable.
• ESVC0.5 × 2C-13262 (Bando Electric Wire: Japanese Company)
• ESNC0.5 × 2C-99-087B (Nihon Electric Wire & Cable Corporation: Japanese Company)
• ESPC 1P × 0.5 mm2 (Nagaoka Electric Wire Co., Ltd.: Japanese Company)
• Li2Y-FCY2 × 0.56qmm (Kromberg & Schubert, Komtec Department: German Company)
• 1 × 2 × AWG-20PE+Tr.CUSN+PVC (Draka Cables Industrial: Spanish Company)
• #9207 (Belden: US Company)
*2. When using wire-to-optical (H-PCF) cable, use a H-PCF cable (for both Controller Link and SYSMAC LINK) or a H-PCF optical fiber cable with connector.
*3. When using wire-to-optical (GI) cable, use a GI optical cable (for Controller Link).
*4. • Up to four Pre-Ver. 1.2 Controller Link Units (both CS1W-CLK21-V1 Wired Units and CS1W-CLK@2-V1 Optical Units combined) can be mounted to the CS1
CPU Backplane (CS1W-BC
@@@) and CS1 Expansion Backplanes (CS1W-BI@@@) of one PLC.
• Up to eight Controller Link Units with unit version 1.2 or later (both CS1W-CLK21-V1 Wired Units and CS1W-CLK@2-V1 Optical Units combined) can be
mounted to the CS1 CPU Backplane (CS1W-BC
@@@) and CS1 Expansion Backplanes (CS1W-BI@@@) of one PLC.
*5. The CD-ROM contains the following software.
• Controller Link (PCI) Driver
• FinsGateway Version 2003 (PCI-CLK Edition)
• FinsGateway Version 3 (PCI-CLK Edition)
• Setup Diagnostic Utility
• C Library
Product name
Appearance
Specifications
Accessories
Current
Consumption
(A)
Model
Standards
Functions
No. of
pors
Failure
detection
Industrial
Switching Hubs
Quality of Service (QoS):
EtherNet/IP control data priority
Failure detection:
Broadcast storm and LSI error detection
10/100BASE-TX, Auto-Negotiation
3
No
• Power supply
connector
0.22
W4S1-03B
UC, CE
5
No
0.22
W4S1-05B
5
Yes
• Power supply
connector
• Connector for
informing error
0.22
W4S1-05C
CE
Unit
type
Product name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
CPU Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
CS1
CPU
Bus
Unit
Controller Link
Unit
Wired shielded
twisted-pair cable
*1
*4
Yes
*4
Yes
No
*4
Yes
*4
Yes
Yes
No
1 unit
number’s
words
0.33
---
CS1W-CLK23
UC1, N, L,
CE
Optical ring H-PCF
cable
*2
*4
Yes
*4
Yes
No
*4
Yes
*4
Yes
Yes
No
0.52
---
CS1W-CLK13
Optical ring GI
cable
*3
*4
Yes
*4
Yes
No
*4
Yes
*4
Yes
Yes
No
0.65
---
CS1W-CLK53
Controller
Link Support
Board
Wired shielded twisted-pair
cable
*1
• CD-ROM × 1
*5
• Installation Guide (W467) × 1
• Communications Connector × 1
---
3G8F7-CLK23-E
CE
H-PCF optical model
• CD-ROM × 1
*5
• Installation Guide (W467) × 1
• Optical Fiber Cable Bracket × 1
• Power Supply Connector × 1
3G8F7-CLK13-E
GI optical model
3G8F7-CLK53-E
Product name
Specifications
Model
Standards
Relay Terminal Block for
Wired Controller Link Unit
Use for Wired Controller Link Units (set of 5).
These products are not mounted to the
PLC. (They are installed individually on
DIN Rail or with screws.)
CJ1W-TB101
---
Controller Link Repeater
Unit
Wire-to-Wire Model
CS1W-RPT01
UC1, CE
Wire-to-Optical (H-PCF) Model
*2
CS1W-RPT02
Wire-to-Optical (GI) Model
*3
CS1W-RPT03
CS1W-RPT01
PWR
T/R1
T/R2
SL1
TER SW
TER SW
ON
SL2
DC24V
INPUT
1 BAUD
2 RATE
SW1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com