Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT03 Datasheet(PDF) 29 Page - Omron Electronics LLC

Part # CS1W-RPT03
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT03 Datasheet(HTML) 29 Page - Omron Electronics LLC

Back Button CS1W-RPT03 Datasheet HTML 25Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 26Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 27Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 28Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 29Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 30Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 31Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 32Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 33Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 70 page
background image
17
Ordering Information
Basic Configuration Units ................................................................................18
Programming Devices...................................................................................... 22
Accessories and Maintenance Parts ...............................................................25
DIN Track Mounting Accessories .....................................................................25
Basic I/O Units .................................................................................................26
Special I/O Units, CPU Bus Units, and Inner Boards ......................................32
Replacing C200H I/O Units ..............................................................................54
Ordering Information
● International Standards
• The standards are abbreviated as follows: U: UL, U1:
UL (Class I Division 2 Products for Hazardous
Locations), C: CSA, UC: cULus, UC1: cULus (Class I
Division 2 Products for Hazardous Locations), CU:
cUL, N: NK, L: Lloyd, and CE: EC Directives.
• Contact your OMRON representative for further
details and applicable conditions for these standards.
● EC Directives
The EC Directives applicable to PLCs include the EMC
Directives and the Low Voltage Directive. OMRON
complies with these directives as described below
manufacturing installations.
● EMC Directives
Applicable Standards EMI:
EN61000-6-4
EN61131-2
EMS: EN61000-6-2
EN61131-2
OMRON PLCs conform to the related EMC standards
so that the devices and machines into which they are
built can more easily conform to EMC standards. The
actual PLCs have been checked for conformity to
EMC standards. Whether these standards are
satisfied for the actual system, however, must be
checked by the customer.
EMC-related performance will vary depending on the
configuration, wiring, and other conditions of the
equipment or control panel in which the PLC is
installed.
The customer must, therefore, perform final checks to
confirm that the overall machine or device conforms
to EMC standards.
● Low Voltage Directive
Applicable Standard: EN61131-2
Devices that operate at voltages from 50 to 1,000
VAC or 75 to 150 VDC must satisfy the appropriate
safety requirements. With PLCs, this applies to
Power Supply Units and I/O Units that operate in
these voltage ranges.
These Units have been designed to conform to
EN61131-2, which is the applicable standard for
PLCs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com