Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT03 Datasheet(PDF) 63 Page - Omron Electronics LLC

Part # CS1W-RPT03
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT03 Datasheet(HTML) 63 Page - Omron Electronics LLC

Back Button CS1W-RPT03 Datasheet HTML 59Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 60Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 61Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 62Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 63Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 64Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 65Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 66Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 67Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 70 page
background image
Programmable Controllers SYSMAC
CS1G/H
51
■ Position Control Units
*If the computer has a D-sub 9-pin RS-232C connector, a commercially available 25 pin-to-9 pin adapter must be prepared separately.
Example: D09-9F25F from Sanwa Supply
■ Motion Control Units
Unit
type
Product name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
CPU Rack C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
Control output
interface
Number
of axes
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
C200H
Special
I/O Unit
Position Control Units
Pulse-train,
open-collector
outputs
1 axis
Yes
No
Yes
Yes
No
No
Yes
1 unit
number’s
words
0.30
---
C200HW-NC113
U, C, CE
2 axes
Yes
No
Yes
Yes
No
No
Yes
0.30
---
C200HW-NC213
4 axes
Yes
No
Yes
Yes
No
No
Yees
2 unit
numbers’
words
0.50
---
C200HW-NC413
SYSMAC-NCT Position
Control Unit Support
Software
Windows 95
---
---
WS01-NCTF1-E
---
Con-
necting
Cables
Connection
to
peripheral
port on
CPU Unit
IBM PC/AT or
compatible
---
Cable length: 2 m
CS1W-CN226
---
Cable length: 6 m
CS1W-CN626
Connection
to RS-232C
port on
CPU Unit
IBM PC/AT or
compatible
---
Cable length: 2 m
XW2Z-200S-CV
(NCT V1.11 or later)
---
Cable length: 5 m
XW2Z-500S-CV
(NCT V1.11 or later)
---
Cable length: 2 m
XW2Z-200S
*
---
Cable length: 5 m
XW2Z-500S
*
Relay Unit for Servo
For use with the
C200HW-NC1
@3
Number of applicable axes: 1
XW2B-20J6-1B
---
For use with the
C200HW-NC2
@3/
NC4
@3
Number of applicable axes: 2
XW2B-40J6-2B
Servo Relay Unit
Connecting Cables (to
Position Control Unit)
Open-
collector
output
For use with
the C200HW-
NC113
Connected Servo Drive: OMNUC G
Series, W Series, U Series, or
SMARTSTEP 2
Number of applicable
axes: 1
Cable length: 0.5 m
XW2Z-050J-A6
Cable length: 1 m
XW2Z-100J-A6
Connected Servo Drive:
SMARTSTEP Junior or A Series
Cable length: 0.5 m
XW2Z-050J-A8
Cable length: 1 m
XW2Z-100J-A8
For use with
the C200HW-
NC213/
NC413
Connected Servo Drive: OMNUC G
Series, W Series, U Series, or
SMARTSTEP 2
Number of applicable
axes: 2
Cable length: 0.5 m
XW2Z-050J-A7
Cable length: 1 m
XW2Z-100J-A7
Connected Servo Drive:
SMARTSTEP Junior or A Series
Cable length: 0.5 m
XW2Z-050J-A9
Cable length: 1 m
XW2Z-100J-A9
Unit
type
Product name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
CPU Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
Control output
interface
Number
of axes
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
C200H
Special
I/O Unit
Motion Control Units
(G-language
programming)
Analog output
2 axes
Yes
No
Yes
Yes
No
No
Yes
1 unit
number’s
words
0.65 (0.85
A when a
Teaching
Box is
connected)
---
C200H-MC221
U, C, CE
Teaching Box
---
---
---
CVM1-PRO01-V1 CE
Teaching Box
Connecting Cable
---
---
Cable length: 2 m
CV500-CN224
L, CE
ROM Cassette
---
---
---
CVM1-MP702-V1
CE
MC Terminal Block
Conversion Unit
For 2 axes
---
XW2B-20J6-6
---
MC Terminal Block
Conversion Unit
Cable
---
---
Cable length: 1 m
XW2Z-100J-F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com