Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT03 Datasheet(PDF) 47 Page - Omron Electronics LLC

Part # CS1W-RPT03
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT03 Datasheet(HTML) 47 Page - Omron Electronics LLC

Back Button CS1W-RPT03 Datasheet HTML 43Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 44Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 45Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 46Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 47Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 48Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 49Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 50Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 51Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 70 page
background image
Programmable Controllers SYSMAC
CS1G/H
35
■ Isolated-type Pulse Input Units (Process I/O Units)
■ Loop Control Board/Loop Control Unit
*1. Mount a CS1W-LCB01/05 Loop Control Board in a CS1G/H-CPU@@H CPU Unit or a CS1D-CPU@@S CS1D Duplex System CPU Unit.
*2. NT-AL001 Link Adapters consume an additional 0.15 A each when used.
■ High-speed Counter Units
Unit
type
Product name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
CPU Rack C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
CS1
Special
I/O Units
Isolated-type
Pulse Input Unit
4 pulse inputs
Yes
Yes
No
Yes
Yes
Yes
No
1 unit
number’s
words
0.20
0.16
CS1W-PPS01
UC1, CE
Unit type
Product
name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
CPU Rack C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
CS1 Inner
Board
Loop
Control
Board
50 blocks max. (total control
blocks and operation blocks)
*1
Yes
*1
Yes
NoNoNo
No
---
*2
0.22
---
CS1W-LCB01
UC1, N,
CE
500 blocks max. (total control
blocks and operation blocks)
*2
0.22
---
CS1W-LCB05
CX-Process Monitor
Plus
Ver.2.
@
OS:
Windows NT4.0, 2000, or XP
Monitoring Software for Loop Controller
1 license
WS02-LCMC1-EV2
---
3 licenses
WS02-LCMC1-EV2L03
Unit
type
Product
name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
Number
of count
channels
Encoder A and B
inputs, and Z pulse
input signal
Maximum
count
speed
CPU Rack C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
CS1
Special
I/O Units
High-speed
Counter
Units
2
Input voltage: 5 VDC,
12 VDC, or 24 VDC
(only 1 axis for 5 V or
12 V input)
50 kHz
Yes
Yes
No
Yes
Yes
Yes
No
4 unit
numbers’
words
0.36
---
CS1W-CT021
UC, N, L,
CE
RS-422 line driver
500 kHz
4
Input voltage: 5 VDC,
12 VDC, or 24 VDC
(up to 2 axes for 5 V
or 12 V input)
50 kHz
Yes
Yes
No
Yes
Yes
Yes
No
0.45
---
CS1W-CT041
RS-422 line driver
500 kHz
RDY
EXEC
COMM
PORT
LCB01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com