Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT03 Datasheet(PDF) 65 Page - Omron Electronics LLC

Part # CS1W-RPT03
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT03 Datasheet(HTML) 65 Page - Omron Electronics LLC

Back Button CS1W-RPT03 Datasheet HTML 61Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 62Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 63Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 64Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 65Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 66Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 67Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 68Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 69Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 70 page
background image
Programmable Controllers SYSMAC
CS1G/H
53
■ ASCII Units
■ PC Link Unit
Unit
type
Product name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
CPU Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
C200H
Special
I/O Unit
ASCII Units
User memory area: 200 Kbytes
Shared memory: Provided
(general-purpose area: 90
words)
RS-232C x 2 ports
Yes
No
Yes
Yes
No
No
Yes
1 unit
number’s
words
0.25
---
C200H-ASC11
U, C, CE
200 Kbytes
RAM
RS-232C x 1 port +
RS-422A/485 x 1 port
Yes
No
Yes
Yes
No
No
Yes
0.30
---
C200H-ASC21
200 Kbytes
RAM
RS-232C x 2 ports +
RS-232C x 1 port for Terminal
Yes
No
Yes
Yes
No
No
Yes
0.30
---
C200H-ASC31
24 Kbytes
RAM
RS-232C x 2 ports
Yes
No
Yes
Yes
No
No
Yes
1 unit
number’s
words
0.20
---
C200H-ASC02 N, CE
RS-422A Adapter
Converts RS-232C to RS-422A/
RS-485 format.
---
---
CJ1W-CIF11
UC, N, CE
RS-232C/RS-422A
Link Adapter
One RS-232C port
One RS-422 terminal block
---
---
NT-AL001
---
Unit
type
Product name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
CPU Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
C200H
Special
I/O Unit
PC Link Unit
Up to 32 PLC Link Units for 1 level,
16 PLC Link Units for multilevel
systems
Yes
No
Yes
Yes
No
No
Yes
1 unit
number’s
words
0.35
---
C200H-LK401
N, L, CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com