Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT03 Datasheet(PDF) 51 Page - Omron Electronics LLC

Part # CS1W-RPT03
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT03 Datasheet(HTML) 51 Page - Omron Electronics LLC

Back Button CS1W-RPT03 Datasheet HTML 47Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 48Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 49Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 50Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 51Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 52Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 53Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 54Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 55Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 70 page
background image
Programmable Controllers SYSMAC
CS1G/H
39
■ Serial Communications Boards/Serial Communications Units
*1. The serial gateway function is supported by Serial Communications Boards and Units with unit version 1.2 or later only.
*2. The Serial Communications Unit’s no-protocol function is supported by Serial Communications Units with unit version 1.2 or later only. In addition the CPU Unit
must be unit version 3.0 or later.
*3. The Modbus-RTU Slave function is supported by Serial Communications Boards and Units with unit version 1.3 or later only.
*4. One Board can be mounted in the Inner Board slot of the CPU Unit.
*5. NT-AL001 Link Adapters consume an additional 0.15 A each when used.
■ EtherNet/IP Unit
*Up to eight CS1W-EIP21 EtherNet/IP Units can be mounted to the CS1 CPU Backplane (CS1W-BC@@@) and CS1 Expansion Backplanes (CS1W-BI@@@) of one
PLC.
■ EtherNet Unit
*Up to four CS1W-ETN21 Ethernet Units can be mounted to the CS1 CPU Backplane (CS1W-BC@@@) and CS1 Expansion Backplanes (CS1W-BI@@@) of one PLC.
Unit
type
Product name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
CPU Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
CS1
Inner
Board
Serial
Communications
Board
Two
RS-232C
ports
The following
communications
protocols can be
selected for each
port: protocol
macro, host link,
NT Link (1:N
mode), serial
gateway (
*1), no
protocol (
* 2), or
Modbus-RTU
Slave (
*3).
*4
Yes
*4
Yes
No
No
No
No
No
---
*5
0.28
---
CS1W-SCB21-V1
U, C, N, L,
CE
One
RS-232C
port and one
RS-422A/
485 port
*5
0.36
---
CS1W-SCB41-V1
CS1
CPU
Bus
Unit
Serial
Communications
Unit
Two
RS-232C
ports
Yes
Yes
No
Yes
Yes
Yes
No
1 unit
number’s
words
*5
0.29
---
CS1W-SCU21-V1
Two
RS-422A/
485 ports
Yes
Yes
No
Yes
Yes
Yes
No
0.40
---
CS1W-SCU31-V1
UC1, N, L,
CE
Unit
type
Product
name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
Communications
cable
Communications
functions
CPU Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
CS1
CPU
Bus
Unit
EtherNet/
IP Unit
STP (shielded
twisted-pair)
cable of category
5, 5e, or higher.
Tag data link
message service
*
Yes
*
Yes
No
*
Yes
*
Yes
*
Yes
No
1 unit
number’s
words
0.41
---
CS1W-EIP21
UC1, N,
L, CE
Unit
type
Product
name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
CPU Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
CS1
CPU
Bus
Unit
EtherNet
Unit
100BASE-TX
Cable
FINS communications
service (TCP/IP and
UDP/IP), FTP server
function, socket service,
mail send service, mail
reception (remote
command reception),
auto-adjustment of PLC’s
internal clock, and server
host name specification
*
Yes
*
Yes
No
*
Yes
*
Yes
*
Yes
No
1 unit
number’s
words
0.38
---
CS1W-ETN21
UC1, N, L,
CE
ETN21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com