Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT03 Datasheet(PDF) 38 Page - Omron Electronics LLC

Part # CS1W-RPT03
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT03 Datasheet(HTML) 38 Page - Omron Electronics LLC

Back Button CS1W-RPT03 Datasheet HTML 34Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 35Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 36Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 37Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 38Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 39Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 40Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 41Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 42Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 70 page
background image
26
Programmable Controllers SYSMAC
CS1G/H
■ Input Units
■ Output Units
Basic I/O Units
CS1 Basic I/O Units
Unit type
Product name
Specifications
Mountable Racks
Words
required
Current
consumption
(A)
Model
Standards
CPU Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1 Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS Slave
Rack
(I/O bits:
CIO 0000 to
CIO 0319)
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3
@@2
@@3
@@2
CS1 Basic
I/O Units
DC Input Unit
24 VDC, 7 mA,
16 inputs
Yes
Yes
No
Yes
Yes
Yes
No
1 word
0.10
---
CS1W-ID211
UC1, N, L,
CE
24 VDC, 6 mA,
32 inputs
YesYes
No
YesYes
Yes
No
2 words
0.15
---
CS1W-ID231
24 VDC, 7 mA,
64 inputs
YesYes
No
YesYes
Yes
No
4 words
0.15
---
CS1W-ID261
24 VDC, approx.
5 mA, 96 inputs
YesYes
No
YesYes
Yes
No
6 words
0.20
---
CS1W-ID291
U, C, N, L,
CE
AC Input Unit
100 to 120 VAC,
16 inputs
100 to 120 VDC,
16 inputs
Yes
Yes
No
Yes
Yes
Yes
No
1 word
0.11
---
CS1W-IA111
UC1, N, L,
CE
200 to 240 VAC,
16 inputs
Yes
Yes
No
Yes
Yes
Yes
No
1 word
0.11
---
CS1W-IA211
UC, N, L,
CE
Unit type
Product name
Specifications
Mountable Racks
Words
required
Current
consumption
(A)
Model
Standards
CPU Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1 Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3
@@2
@@3
@@2
CS1 Basic
I/O Units
Relay Output
Units
250 VAC or 120 VDC,
2 A max.
Independent contacts,
8 outputs
Yes
Yes
No
Yes
Yes
Yes
No
1 word
0.10
0.006
per
simulta-
neously
ON
outputs
CS1W-OC201
UC1, N, L,
CE
250 VAC or 120 VDC,
2 A max.
16 outputs
Yes
Yes
No
Yes
Yes
Yes
No
1 word
0.13
CS1W-OC211
Transistor
Output Units
12 to 24 VDC,
0.5 A
16 outputs
Sinking
Yes
Yes
No
Yes
Yes
Yes
No
1 word
0.17
---
CS1W-OD211
UC1, N, L,
CE
24 VDC, 0.5 A
16 outputs
Sourcing
Yes
Yes
No
Yes
Yes
Yes
No
1 word
0.17
---
CS1W-OD212
U, C, N, L,
CE
12 to 24 VDC,
0.5 A
32 outputs
Sinking
Yes
Yes
No
Yes
Yes
Yes
No
2 words
0.27
---
CS1W-OD231
UC1, N, L,
CE
24 VDC, 0.5 A
32 outputs
Sourcing
Yes
Yes
No
Yes
Yes
Yes
No
2 words
0.27
---
CS1W-OD232
U, C, N, L,
CE
12 to 24 VDC,
0.3 A
64 outputs
Sinking
Yes
Yes
No
Yes
Yes
Yes
No
4 words
0.39
---
CS1W-OD261
UC1, N, L,
CE
24 VDC, 0.3 A
64 outputs
Sourcing
Yes
Yes
No
Yes
Yes
Yes
No
4 words
0.39
---
CS1W-OD262
12 to 24 VDC,
0.1 A
96 outputs
Sinking
Yes
Yes
No
Yes
Yes
Yes
No
6 words
0.48
---
CS1W-OD291
U, C, N, L,
CE
12 to 24 VDC,
0.1 A
96 outputs
Sourcing
Yes
Yes
No
Yes
Yes
Yes
No
6 words
0.48
---
CS1W-OD292
Triac Output
Units
250 VAC, 2 A max.
8 outputs
Yes
Yes
No
Yes
Yes
Yes
No
1 word
0.23
max.
(0.07 +
0.02 ×
number
of ON
points)
---
CS1W-OA201
UC, N, L,
CE
250 VAC, 0.5 A max.
16 outputs
Yes
Yes
No
Yes
Yes
Yes
No
1 word
0.406
max.
(0.07 +
0.021 ×
number
of ON
points)
---
CS1W-OA211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com