Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT03 Datasheet(PDF) 33 Page - Omron Electronics LLC

Part # CS1W-RPT03
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT03 Datasheet(HTML) 33 Page - Omron Electronics LLC

Back Button CS1W-RPT03 Datasheet HTML 29Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 30Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 31Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 32Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 33Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 34Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 35Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 36Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 37Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
Programmable Controllers SYSMAC
CS1G/H
21
■ I/O Control Unit (Required for long-distance expansion)
The CS1W-IC102 I/O Control Unit is mounted to a CPU Backplane or CS1 Expansion Backplane when expanding more than 12 m. A
CV500-CN
@@2 Long-distance Expansion Connecting Cable is used to connect the I/O Control Unit to a CS1W-II102 I/O Interface Unit.
■ I/O Interface Unit (Required for long-distance expansion)
The CS1W-II102 I/O Interface Unit is mounted to a CS1 Expansion Backplane and connected to a CV500-CN
@@2 Long-distance
Expansion Connecting Cable when expanding more than 12 m.
■ Connecting Cables for Expansion Backplanes
■ Connecting Cables for Long-distance Expansion
Product name
Specifications
Mountable backplanes
Current
consumption
(A)
Model
Standards
CPU
backplane
CS1 Expansion
Backplanes
5 V
system
26 V
system
I/O Control Unit
Required to expand more than 12 m.
(Two CV500-TER01 Terminators are included.)
Connecting cable: Connecting Cable for Long-distance
Expansion CV500-CN
@@2
Connecting unit: Interface Unit CS1W-II102
Yes
Yes
0.92
---
CS1W-IC102
U, C, N, L,
CE
Product name
Specifications
Current
consumption
(A)
Model
Standards
5 V
system
24 V
system
I/O Interface Unit
Required to expand more than 12 m.
Mountable backplane: CS1 Expansion Backplanes
Connecting cable: Connecting Cable for Long-distance Expansion
CV500-CN
@@2
0.23
---
CS1W-II102
U, C, N, L, CE
Product name
Specifications
Model
Standards
CS1 I/O Connecting
Cables
Connects a CPU Backplane or CS1 Expansion Backplane to a
CS1 Expansion Backplane.
Cable length: 0.3 m
CS1W-CN313
N, L, CE
Cable length: 0.7 m
CS1W-CN713
Cable length: 2 m
CS1W-CN223
Cable length: 3 m
CS1W-CN323
Cable length: 5 m
CS1W-CN523
Cable length: 10 m
CS1W-CN133
Cable length: 12 m
CS1W-CN133-B2
CS1 to C200H I/O
Connecting Cables
Connects a CPU Backplane or CS1 Expansion Backplane to a
C200HX/HG/HE Expansion I/O Backplane.
Cable length: 0.3 m
CS1W-CN311
N, L, CE
Cable length: 0.7 m
CS1W-CN711
Cable length: 2 m
CS1W-CN221
Cable length: 3 m
CS1W-CN321
Cable length: 5 m
CS1W-CN521
Cable length: 10 m
CS1W-CN131
Cable length: 12 m
CS1W-CN131-B2
C200H I/O Connecting
Cables
Connects a C200HX/HG/HE Expansion I/O Backplane to a
C200HX/HG/HE Expansion I/O Backplane.
Cable length: 0.3 m
C200H-CN311
N, L, CE
Cable length: 0.7 m
C200H-CN711
Cable length: 2 m
C200H-CN221
Cable length: 5 m
C200H-CN521
L, CE
Cable length: 10 m
C200H-CN131
Product name
Specifications
Model
Standards
Connecting Cables for
Long-distance
Expansion
Connects a Long-distance I/O Control Unit to an I/O Interface
Unit.
Cable length: 0.3 m
CV500-CN312
N, L, CE
Cable length: 0.6 m
CV500-CN612
Cable length: 1 m
CV500-CN122
Cable length: 2 m
CV500-CN222
Cable length: 3 m
CV500-CN322
Cable length: 5 m
CV500-CN522
Cable length: 10 m
CV500-CN132
Cable length: 20 m
CV500-CN232
Cable length: 30 m
CV500-CN332
Cable length: 40 m
CV500-CN432
Cable length: 50 m
CV500-CN532
Reading the production number
@@@@
Year (e.g., 1997=7)
Month (1 to 9, X (10), Y (11), Z (12))
Day (01 to 31)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com