Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT03 Datasheet(PDF) 42 Page - Omron Electronics LLC

Part # CS1W-RPT03
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT03 Datasheet(HTML) 42 Page - Omron Electronics LLC

Back Button CS1W-RPT03 Datasheet HTML 38Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 39Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 40Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 41Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 42Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 43Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 44Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 45Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 46Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 70 page
background image
30
Programmable Controllers SYSMAC
CS1G/H
■ Output Units
Unit type
Product
name
Specifications
Mountable Racks
Words
required
Current consumption
(A)
Model
Standards
CPU Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1 Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3
@@2
@@3
@@2
C200H
Basic I/O
Units
Relay
Contact
Output Unit
250 VAC or 24 VDC,
2 A max.
8 outputs
Yes
No
Yes
Yes
No
No
Yes
1 word
0.01
0.075 per 8
simultaneously
ON outputs
C200H-OC221
U, C, N, L
250 VAC or 24 VDC,
2 A max.
12 outputs
Yes
No
Yes
Yes
No
No
Yes
1 word
0.01
C200H-OC222
250 VAC or 24 VDC,
2 A max.
12 outputs
Yes
No
Yes
Yes
No
No
Yes
1 word
0.008
0.09 per 8
simultaneously
ON outputs
C200H-OC222N
CE
250 VAC or 24 VDC,
2 A max.
16 outputs
Yes
No
Yes
Yes
No
No
Yes
1 word
0.05
0.075 per 8
simultaneously
ON outputs
C200H-OC225
UC1, N, L
250 VAC or 24 VDC,
2 A max.
16 outputs
Yes
No
Yes
Yes
No
No
Yes
1 word
0.03
0.09 per 8
simultaneously
ON outputs
C200H-OC226N
CE
250 VAC or 24 VDC,
2 A max.
Independent
contacts: 5 outputs
Yes
No
Yes
Yes
No
No
Yes
1 word
0.01
0.075 per 8
simultaneously
ON outputs
C200H-OC223
U, C, N, L
250 VAC or 24 VDC,
2 A max.
Independent
contacts: 8 outputs
Yes
No
Yes
Yes
No
No
Yes
1 word
0.01
0.075 per 8
simultaneously
ON outputs
C200H-OC224
250 VAC or 24 VDC,
2 A max.
Independent
contacts: 8 outputs
Yes
No
Yes
Yes
No
No
Yes
1 word
0.01
0.09 per 8
simultaneously
ON outputs
C200H-OC224N
CE
Transistor
Output Unit
12 to 48 VDC, 1 A
8 outputs
Sinking
Yes
No
Yes
Yes
No
No
Yes
1 word
0.14
---
C200H-OD411
U, C, N, L,
CE
24 VDC, 2.1 A
8 outputs
Sinking
Yes
No
Yes
Yes
No
No
Yes
1 word
0.14
---
C200H-OD213
5 to 24 VDC, 0.3 A
8 outputs
Sourcing
Yes
No
Yes
Yes
No
No
Yes
1 word
0.01
0.075 per 8
simultaneously
ON outputs
C200H-OD216
U, C, N, L
24 VDC, 0.3 A
12 outputs
Sinking
Yes
No
Yes
Yes
No
No
Yes
1 word
0.16
---
C200H-OD211
U, C, N, L,
CE
5 to 24 VDC, 0.3 A
12 outputs
Sourcing
Yes
No
Yes
Yes
No
No
Yes
1 word
0.01
0.075 per 8
simultaneously
ON outputs
C200H-OD217
24 VDC, 0.3 A
16 outputs
Sinking
Yes
No
Yes
Yes
No
No
Yes
1 word
0.18
---
C200H-OD212
24 VDC, 1 A
16 outputs
Sourcing
Short-circuit
protection
Yes
No
Yes
Yes
No
No
Yes
1 word
0.16
---
C200H-OD21A
CE
Triac Output
Unit
250 VAC, 1.2 A max.
8 outputs
Yes
No
Yes
Yes
No
No
Yes
1 word
0.18
---
C200H-OA223
CE
250 VAC, 0.5 A max.
12 outputs
Yes
No
Yes
Yes
No
No
Yes
1 word
0.27
---
C200H-OA224
U, C, N, L,
CE
C200H
Group-2
High-
density
I/O Units
Transistor
Output Units
4.5 to 26.4 V,
16 to 100 mA
32 outputs
Sinking
Yes
No
Yes
Yes
No
No
No
2 words
0.27
---
C200H-OD218
U, C, N, L,
CE
24 VDC, 0.5 A
32 outputs
Sourcing
Short-circuit
protection
Yes
No
Yes
Yes
No
No
No
2 words
0.48
---
C200H-OD21B
U, C, CE
4.5 to 26.4 V,
16 to 100 mA
64 outputs
Sinking
Yes
No
Yes
Yes
No
No
No
4 words
0.48
---
C200H-OD219
U, C, N, L,
CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com