Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT03 Datasheet(PDF) 23 Page - Omron Electronics LLC

Part # CS1W-RPT03
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT03 Datasheet(HTML) 23 Page - Omron Electronics LLC

Back Button CS1W-RPT03 Datasheet HTML 19Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 20Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 21Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 22Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 23Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 24Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 25Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 26Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 27Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
Programmable Controllers SYSMAC
CS1G/H
11
General Specifications
*1. C200HW-PA204/PA204R Power Supply Units shipped before March 2010 have power supply voltage specifications of 100 to 120 VAC/200 to 240 VAC, 50/60 Hz.
*2. Disconnect the Power Supply Unit’s LG terminal from the GR terminal when testing insulation and dielectric strength.
Testing the insulation and dielectric strength with the LG terminal and the GR terminals connected will damage internal circuits in the CPU Unit.
*3. The depth is 153 mm for the C200HW-PA209R/PD025 Power Supply Unit. The depth is 111 mm for the C200HW-PA204C Power Supply Unit.
*4. Maintain an ambient storage temperature of -25 to 30°C and relative humidity of 25% to 70% when storing the C200HW-PA204C for longer than 3 months to
keep the replacement notification function in optimum working condition.
Specifications
Power Supply
Unit model
Item
C200HW-PA204
C200HW-PA204C
C200HW-PA204R
C200HW-PA204S
C200HW-PA209R
C200HW-PD024
C200HW-PD025
Power supply
voltage
100 to 240 VAC (wide range), 50/60 Hz
*1
100 to 120 VAC/200 to 240 V, 50/60 Hz
24 VDC
Operating voltage
range
85 to 264 VAC
85 to 132 VAC/170 to 264 V
19.2 to 28.8 VDC
Power consumption
120 VA max.
100 VA max.
120 VA max.
180 VA max.
40 W max.
60 W max.
Inrush current
100 to 120 VAC input 15 A/8 ms max. (cold start at room temperature)
200 to 240 VAC input 30 A/8 ms max. (cold start at room temperature)
100 to 120 VAC input
20 A/8 ms max. (cold
start at room
temperature) 200 to
240 VAC input 30 A/8
ms max. (cold start
at room temperature)
100 to 120 VAC:
30 A max.
200 to 240 VAC:
40 A max.
30 A max.
Insulation resistance
20 M
Ω min. (at 500
VDC) between AC
external and GR
terminals
*2
•20 M
Ω min. (at 500 VDC)
between all AC external
terminals and GR terminal
and between all alarm
output terminals.
•20 M
Ω min. (at 250 VDC)
between all alarm output
terminals and GR terminal.
20 M
Ω min. (at 500 VDC) between all AC external and GR
terminals
*2
20 M
Ω min. (at 500 VDC) between all DC
external and GR terminals
*2
Dielectric strength
2,300 VAC 50/60 Hz
for 1 min between AC
external and GR
terminals
*2
Leakage current:
10 mA max.
• 2,300 VAC, 50/60 Hz for 1
minute between all AC
external terminals and GR
terminal and between all
alarm output terminals.
Leakage current: 10 mA
max.
• 1,000 VAC, 50/60 Hz for 1
minute between all alarm
output terminals and GR
terminal. Leakage current:
10 mA max.
2,300 VAC 50/60 Hz for 1 min between all AC external and GR
terminals
*2
Leakage current: 10 mA max.
1,000 VAC 50/60 Hz for 1 min between all
DC external and GR terminals
*2
Leakage current: 10 mA max.
1,000 VAC 50/60 Hz for 1 min between all DC external and GR terminals
*2
Leakage current: 10 mA max.
Noise immunity
2 kV on power supply line (conforming to IEC61000-4-4)
Vibration resistance
Conforms to JIS 0040, 10 to 57 Hz, 0.075-mm amplitude, 57 to 150 Hz, acceleration: 9.8 m/s2 in X, Y, and Z directions for 80 minutes (Time coefficient: 8 minutes
x coefficient factor 10 = total time 80 min.)
(CPU Unit mounted to a DIN track: 2 to 55 Hz, 2.9 m/s2 in X, Y, and Z directions for 20 minutes)
Shock resistance
Conforms to JIS 0041, 147 m/s2 3 times each in X, Y, and Z directions
Ambient operating
temperature
0 to 55°C
Ambient operating
humidity
10% to 90% (with no
condensation)
10% to 90%
(with no condensation)
*4
10% to 90% (with no condensation)
Ambient operating
atmosphere
No corrosive gases
Ambient storage
temperature
-20 to 75°C (excluding battery)
Grounding
Less than 100
Ω
Enclosure
Mounted in a panel.
Weight
Each Rack: 6 kg max.
CPU Rack
dimensions (mm)
2 slots: 198.5 x 157 x 123 (W x H x D)
*3
3 slots: 260 x 130 x 123 (W x H x D)
*3
5 slots: 330 x 130 x 123 (W x H x D)
*3
8 slots: 435 x 130 x 123 (W x H x D)
*3
10 slots: 505 x 130 x 123 (W x H x D)
*3
Standards
Conforms to UL, CSA, cULus, NK, Lloyds, and EC Directives.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com