Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT03 Datasheet(PDF) 56 Page - Omron Electronics LLC

Part # CS1W-RPT03
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT03 Datasheet(HTML) 56 Page - Omron Electronics LLC

Back Button CS1W-RPT03 Datasheet HTML 52Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 53Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 54Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 55Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 56Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 57Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 58Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 59Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 60Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 70 page
background image
44
Programmable Controllers SYSMAC
CS1G/H
■ DeviceNet Unit
■ CompoNet Master Unit
■ CompoBus/S Master Unit
■ ID Sensor Units
* The current consumption is 0.28 A when connected to the V680-H01. For details, refer to the V680 Series RFID System Catalog (Cat. No. Q151).
Unit
type
Product
name
Specifications
Communications
functions
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
CPU Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
CS1
CPU
Bus
Unit
DeviceNet
Unit
Functions as
master and/or
slave; allows
control of
32,000 points
max. per
master.
• Remote I/O
Master
communications
(Fixed or user-set
allocation)
• Remote I/O Slave
communications
(Fixed or user-set
allocation)
• Message
communications
Yes
Yes
No
Yes
Yes
Yes
No
1 unit
number’s
words
0.29
---
CS1W-DRM21-V1
UC1, N, L,
CE
Maximum number of Units: 16 if Configurator is used
Unit
type
Product
name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
Communications
functions
Maximum
number of I/O
points per
Master
CPU Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
CS1
Special
I/O Unit
CompoNet
Master Unit
• Remote I/O
communications
• Message
communications
Word Slave
Units:
1,024 inputs
and 1,024
outputs
(2,048 I/O
points total)
Bit Slave Units:
256 inputs
and 256
outputs (512
I/O points
total)
Yes
Yes
No
Yes
Yes
Yes
No
1, 2, 4, or
8 unit
numbers’
words
(variable)
0.40
---
CS1W-CRM21
U, U1, L,
N, CE
Unit
type
Product
name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
Communications
functions
Maximum
number of I/O
points per
Master
CPU Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
CS1
Special
I/O Unit
CompoBus/
S Master
Unit
Remote I/O
communications
256 max.
(128 inputs and
128 outputs)
Yes
Yes
No
Yes
Yes
Yes
No
2 unit
numbers’
words
0.15
---
CS1W-SRM21
UC, CE
128 max.
(64 inputs and
64 outputs)
1 unit
number’s
words
Unit
type
Product
name
Connecting
ID System
Number
of RW
Heads
External
power
supply
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
CPU Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
CS1
Special
I/O Unit
ID Sensor
Units
V680-series
RFID system
1
Not
required
Yes
Yes
No
Yes
Yes
Yes
No
1 unit
number’s
words
0.26
*
0.13
CS1W-V680C11
UC, CE
2
24 VDC
Yes
Yes
No
Yes
Yes
Yes
No
2 unit
numbers’
words
0.32
---
CS1W-V680C12
V600-series
RFID system
1
Not
required
Yes
Yes
No
Yes
Yes
Yes
No
1 unit
number’s
words
0.26
0.12
CS1W-V600C11
2
24 VDC
Yes
Yes
No
Yes
Yes
Yes
No
2 unit
numbers’
words
0.32
---
CS1W-V600C12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com