Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 261 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 261 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 257Page - Renesas Technology Corp R8C/29 Datasheet HTML 258Page - Renesas Technology Corp R8C/29 Datasheet HTML 259Page - Renesas Technology Corp R8C/29 Datasheet HTML 260Page - Renesas Technology Corp R8C/29 Datasheet HTML 261Page - Renesas Technology Corp R8C/29 Datasheet HTML 262Page - Renesas Technology Corp R8C/29 Datasheet HTML 263Page - Renesas Technology Corp R8C/29 Datasheet HTML 264Page - Renesas Technology Corp R8C/29 Datasheet HTML 265Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 471 page
background image
R8C/28 Group, R8C/29 Group
15. Serial Interface
Rev.2.10
Sep 26, 2008
Page 244 of 441
REJ09B0279-0210
i = 0 or 1
NOTES:
1. The bits used for transmit/receive data are as follows: Bits 0 to 6 when transfer data is 7 bits long;
bits 0 to 7 when transfer data is 8 bits long; bits 0 to 8 when transfer data is 9 bits long.
2. The following bits are undefined: Bits 7 and 8 when transfer data is 7 bits long; bit 8 when transfer
data is 8 bits long.
Table 15.6 lists the I/O Pin Functions in UART Mode. After the UARTi (i = 0 or 1) operating mode is selected, the
TXDi pin outputs “H” level. (If the NCH bit is set to 1 (N-channel open-drain output), this pin is in a high-
impedance state) until transfer starts.)
Table 15.5
Registers Used and Settings for UART Mode
Register
Bit
Function
UiTB
0 to 8
Set transmit data(1)
UiRB
0 to 8
Receive data can be read(1, 2)
OER, FER, PER, SUM Error flag
UiBRG
0 to 7
Set a bit rate
UiMR
SMD2 to SMD0
Set to 100b when transfer data is 7 bits long.
Set to 101b when transfer data is 8 bits long.
Set to 110b when transfer data is 9 bits long.
CKDIR
Select the internal clock or external clock
STPS
Select the stop bit
PRY, PRYE
Select whether parity is included and whether odd or even
UiC0
CLK0 to CLK1
Select the count source for the UiBRG register
TXEPT
Transmit register empty flag
NCH
Select TXDi pin output mode
CKPOL
Set to 0
UFORM
LSB first or MSB first can be selected when transfer data is 8 bits
long. Set to 0 when transfer data is 7 or 9 bits long.
UiC1
TE
Set to 1 to enable transmit
TI
Transmit buffer empty flag
RE
Set to 1 to enable receive
RI
Receive complete flag
UiIRS
Select the source of UARTi transmit interrupt
UiRRM
Set to 0
Table 15.6
I/O Pin Functions in UART Mode
Pin name
Function
Selection Method
TXD0 (P1_4)
Output serial data
(Cannot be used as a port when performing reception only)
RXD0 (P1_5)
Input serial data
PD1_5 bit in PD1 register = 0
(P1_5 can be used as an input port when performing transmission only)
CLK0 (P1_6)
Programmable I/O Port CKDIR bit in U0MR register = 0
Input transfer clock
CKDIR bit in U0MR register = 1
PD1_6 bit in PD1 register = 0
TXD1 (P3_7)
Output serial data
Set registers PINSR1 and PMR (refer to Figure 15.7 Registers
PINSR1 and PMR
)
(Cannot be used as a port when performing reception only)
RXD1 (either
P3_7 or P4_5)
Input serial data
Set registers PINSR1 and PMR (refer to Figure 15.7 Registers
PINSR1 and PMR
)
Corresponding bit in each port direction register = 0
(Can be used as an input port when performing transmission only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com