Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 224 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 224 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 220Page - Renesas Technology Corp R8C/29 Datasheet HTML 221Page - Renesas Technology Corp R8C/29 Datasheet HTML 222Page - Renesas Technology Corp R8C/29 Datasheet HTML 223Page - Renesas Technology Corp R8C/29 Datasheet HTML 224Page - Renesas Technology Corp R8C/29 Datasheet HTML 225Page - Renesas Technology Corp R8C/29 Datasheet HTML 226Page - Renesas Technology Corp R8C/29 Datasheet HTML 227Page - Renesas Technology Corp R8C/29 Datasheet HTML 228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 471 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 207 of 441
REJ09B0279-0210
14.3.7
PWM2 Mode
This mode outputs a single PWM waveform. After a given wait duration has elapsed following the trigger, the
pin output switches to active level. Then, after a given duration, the output switches back to inactive level.
Furthermore, the counter stops at the same time the output returns to inactive level, making it possible to use
PWM2 mode to output a programmable wait one-shot waveform.
Since timer RC uses multiple general registers in PWM2 mode, other modes cannot be used in conjunction with
it.
Figure 14.55 shows a Block Diagram of PWM2 Mode, Table 14.22 lists the Specifications of PWM2 Mode,
Figure 14.56 shows the register associated with PWM2 mode, Table 14.23 lists the Functions of TRCGRj
Register in PWM2 Mode, and Figures 14.57 to 14.59 show Operating Examples of PWM2 Mode.
Figure 14.55
Block Diagram of PWM2 Mode
TRCTRG
Input
control
TRCIOB
Output
control
Comparator
TRCGRA
TRC
TRCGRD
register
Compare match signal
Comparator
TRCGRB
Comparator
TRCGRC
NOTE:
1. The BFD bit in the TRCMR register is set to 1 (the TRCGRD register functions as the buffer register for the TRCGRB register).
Count clear signal
Trigger signal
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com