Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 218Page - Renesas Technology Corp R8C/29 Datasheet HTML 219Page - Renesas Technology Corp R8C/29 Datasheet HTML 220Page - Renesas Technology Corp R8C/29 Datasheet HTML 221Page - Renesas Technology Corp R8C/29 Datasheet HTML 222Page - Renesas Technology Corp R8C/29 Datasheet HTML 223Page - Renesas Technology Corp R8C/29 Datasheet HTML 224Page - Renesas Technology Corp R8C/29 Datasheet HTML 225Page - Renesas Technology Corp R8C/29 Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 471 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 205 of 441
REJ09B0279-0210
Figure 14.53
Operating Example of PWM Mode
m
n
p
TRC register value
Count source
m+1
n+1
TRCIOC output
q
m-n
p+1
m-p
m-q
q+1
TRCIOD output
m: TRCGRA register setting value
n: TRCGRB register setting value
p: TRCGRC register setting value
q: TRCGRD register setting value
Inactive level is “L”
Active level is “H”
Active level is “L”
“L” initial output until
compare match
“H” initial output until
compare match
Set to 0 by a program
Set to 0 by a program
Set to 0 by a program
TRCIOB output
IMFA bit in
TRCSR register
1
0
IMFB bit in
TRCSR register
1
0
IMFC bit in
TRCSR register
1
0
IMFD bit in
TRCSR register
1
0
The above applies under the following conditions:
• Bits BFC and BFD in the TRCMR register are set to 0 (registers TRCGRC and TRCGRD do not operate as buffers).
• Bits EB, EC, and ED in the TRCOER register are set to 0 (output from TRCIOB, TRCIOC, and TRCIOD enabled).
• In the TRCCR1 register, bits TOB and TOC are set to 0 (active level is “H”) and the TOD bit is set to 1 (active level is “L”).
Set to 0 by a program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com