Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 195Page - Renesas Technology Corp R8C/29 Datasheet HTML 196Page - Renesas Technology Corp R8C/29 Datasheet HTML 197Page - Renesas Technology Corp R8C/29 Datasheet HTML 198Page - Renesas Technology Corp R8C/29 Datasheet HTML 199Page - Renesas Technology Corp R8C/29 Datasheet HTML 200Page - Renesas Technology Corp R8C/29 Datasheet HTML 201Page - Renesas Technology Corp R8C/29 Datasheet HTML 202Page - Renesas Technology Corp R8C/29 Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 471 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 182 of 441
REJ09B0279-0210
Figure 14.34
TRCDF Register
Timer RC Digital Filter Function Select Register
Symbol
Address
After Reset
TRCDF
0131h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
These bits are enabled for the input capture function.
These bits are enabled w hen in PWM2 mode and bits TCEG1 to TCEG0 in the TRCCR2 register are set to 01b, 10b, or
11b (TRCTRG trigger input enabled).
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
Clock select bits for digital filter
function(1, 2)
—
(b5)
DFCK0
RW
—
b7 b6
0 0 : f32
0 1 : f8
1 0 : f1
1 1 : Count source (clock selected by
bits TCK2 to TCK0 in the
TRCCR1 register)
b3 b2
DFD
b1 b0
DFC
b7 b6 b5 b4
RW
DFB
RW
DFA
TRCIOA pin digital filter function
select bit(1)
TRCIOB pin digital filter function
select bit(1)
0 : Function is not used
1 : Function is used
RW
RW
TRCIOD pin digital filter function
select bit(1)
TRCIOC pin digital filter function
select bit(1)
DFCK1
RW
DFTRG
TRCTRG pin digital filter function
select bit(2)
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com