Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 193Page - Renesas Technology Corp R8C/29 Datasheet HTML 194Page - Renesas Technology Corp R8C/29 Datasheet HTML 195Page - Renesas Technology Corp R8C/29 Datasheet HTML 196Page - Renesas Technology Corp R8C/29 Datasheet HTML 197Page - Renesas Technology Corp R8C/29 Datasheet HTML 198Page - Renesas Technology Corp R8C/29 Datasheet HTML 199Page - Renesas Technology Corp R8C/29 Datasheet HTML 200Page - Renesas Technology Corp R8C/29 Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 471 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 180 of 441
REJ09B0279-0210
Figure 14.31
TRC Register
Figure 14.32
Registers TRCGRA, TRCGRB, TRCGRC, and TRCGRD
Timer RC Counter
(1)
Symbol
Address
After Reset
TRC
0127h-0126h
0000h
Setting Range
RW
NOTE:
1.
(b8)
b0
(b15)
b7
Access the TRC register in 16-bit units. Do not access it in 8-bit units.
b0
b7
Function
Count a count source. Count operation is incremented.
When an overflow occurs, the OVF bit in the TRCSR register is set to 1.
0000h to FFFFh
RW
Timer RC General Register A, B, C and D
(1)
Symbol
Address
After Reset
TRCGRA
TRCGRB
TRCGRC
TRCGRD
0129h-0128h
012Bh-012Ah
012Dh-012Ch
012Fh-012Eh
FFFFh
FFFFh
FFFFh
FFFFh
RW
NOTE:
1.
RW
Function
Function varies according to the operating mode.
Access registers TRCGRA to TRCGRD in 16-bit units. Do not access them in 8-bit units.
b0
b7
(b8)
b0
(b15)
b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com