Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 196 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 196 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 192Page - Renesas Technology Corp R8C/29 Datasheet HTML 193Page - Renesas Technology Corp R8C/29 Datasheet HTML 194Page - Renesas Technology Corp R8C/29 Datasheet HTML 195Page - Renesas Technology Corp R8C/29 Datasheet HTML 196Page - Renesas Technology Corp R8C/29 Datasheet HTML 197Page - Renesas Technology Corp R8C/29 Datasheet HTML 198Page - Renesas Technology Corp R8C/29 Datasheet HTML 199Page - Renesas Technology Corp R8C/29 Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 471 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 179 of 441
REJ09B0279-0210
Figure 14.30
TRCSR Register
Timer RC Status Register
Symbol
Address
After Reset
TRCSR
0123h
01110000b
Bit Symbol
Bit Name
Function
RW
NOTE:
1. The w riting results are as follow s:
• This bit is set to 0 w hen the read result is 1 and 0 is w ritten to the same bit.
• This bit remains unchanged even if the read result is 0 and 0 is w ritten to the same bit. (This bit remains 1
even if it is set to 1 from 0 after reading, and w riting 0.)
• This bit remains unchanged if 1 is w ritten to it.
b3 b2
IMFD
b1 b0
Input capture / compare match flag
B
IMFA
b7 b6 b5 b4
Input capture / compare match flag
C
IMFC
RW
[Source for setting this bit to 0]
Write 0 after read.(1)
[Source for setting this bit to 1]
Refer to the table below .
RW
Input capture / compare match flag
D
RW
IMFB
RW
Input capture / compare match flag
A
—
(b6-b4)
—
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
RW
OVF
Overflow flag
[Source for setting this bit to 0]
Write 0 after read.(1)
[Source for setting this bit to 1]
Refer to the table below .
Input capture Function
Output Compare
Function
TRCIOA pin input edge(1)
TRCIOB pin input edge(1)
TRCIOC pin input edge(1)
TRCIOD pin input edge(1)
NOTES:
1.
2.
PWM2 Mode
When the TRC register overflow s.
When the values of the registers TRC and TRCGRA match.
When the values of the registers TRC and TRCGRB match.
Timer Mode
PWM Mode
Edge selected by bits IOj1 to IOj0 (j = A, B, C, or D).
Includes the condition that bits BFC and BFD are set to 1 (buffer registers of registers TRCGRA
and TRCGRB).
Bit Symbol
IMFA
IMFB
IMFC
IMFD
OVF
When the values of the registers TRC and TRCGRC
match.(2)
When the values of the registers TRC and TRCGRD
match.(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com