Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 142 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 142 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 138Page - Renesas Technology Corp R8C/29 Datasheet HTML 139Page - Renesas Technology Corp R8C/29 Datasheet HTML 140Page - Renesas Technology Corp R8C/29 Datasheet HTML 141Page - Renesas Technology Corp R8C/29 Datasheet HTML 142Page - Renesas Technology Corp R8C/29 Datasheet HTML 143Page - Renesas Technology Corp R8C/29 Datasheet HTML 144Page - Renesas Technology Corp R8C/29 Datasheet HTML 145Page - Renesas Technology Corp R8C/29 Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 471 page
background image
R8C/28 Group, R8C/29 Group
12. Interrupts
Rev.2.10
Sep 26, 2008
Page 125 of 441
REJ09B0279-0210
As with other maskable interrupts, the timer RC interrupt, clock synchronous serial I/O with chip select interrupt,
and I2C bus interface interrupt are controlled by the combination of the I flag, IR bit, bits ILVL0 to ILVL2, and IPL.
However, since each interrupt source is generated by a combination of multiple interrupt request sources, the
following differences from other maskable interrupts apply:
• When bits in the enable register corresponding to bits set to 1 in the status register are set to 1 (enable
interrupt), the IR bit in the interrupt control register is set to 1 (interrupt requested).
• When either bits in the status register or bits in the enable register corresponding to bits in the status register, or
both, are set to 0, the IR bit is set to 0 (interrupt not requested). Basically, even though the interrupt is not
acknowledged after the IR bit is set to 1, the interrupt request will not be maintained. Also, the IR bit is not set
to 0 even if 0 is written to the IR bit.
• Individual bits in the status register are not automatically set to 0 even if the interrupt is acknowledged.
Therefore, the IR bit is also not automatically set to 0 when the interrupt is acknowledged. Set each bit in the
status register to 0 in the interrupt routine. Refer to the status register figure for how to set individual bits in the
status register to 0.
• When multiple bits in the enable register are set to 1 and other request sources are generated after the IR bit is
set to 1, the IR bit remains 1.
• When multiple bits in the enable register are set to 1, determine by the status register which request source
causes an interrupt.
Refer to chapters of the individual peripheral functions (14.3 Timer RC, 16.2 Clock Synchronous Serial I/O with
Chip Select (SSU) and 16.3 I2C bus Interface) for the status register and enable register.
Refer to 12.1.6 Interrupt Control for the interrupt control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com