Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 142Page - Renesas Technology Corp R8C/29 Datasheet HTML 143Page - Renesas Technology Corp R8C/29 Datasheet HTML 144Page - Renesas Technology Corp R8C/29 Datasheet HTML 145Page - Renesas Technology Corp R8C/29 Datasheet HTML 146Page - Renesas Technology Corp R8C/29 Datasheet HTML 147Page - Renesas Technology Corp R8C/29 Datasheet HTML 148Page - Renesas Technology Corp R8C/29 Datasheet HTML 149Page - Renesas Technology Corp R8C/29 Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 471 page
background image
R8C/28 Group, R8C/29 Group
13. Watchdog Timer
Rev.2.10
Sep 26, 2008
Page 129 of 441
REJ09B0279-0210
13. Watchdog Timer
The watchdog timer is a function that detects when a program is out of control. Use of the watchdog timer is
recommended to improve the reliability of the system. The watchdog timer contains a 15-bit counter and allows
selection of count source protection mode enable or disable.
Table 13.1 lists information on the Count Source Protection Mode.
Refer to 5.7 Watchdog Timer Reset for details on the watchdog timer.
Figure 13.1 shows the Block Diagram of Watchdog Timer. Figure 13.2 shows Registers OFS and WDC. Figure 13.3
shows Registers WDTR, WDTS, and CSPR.
Figure 13.1
Block Diagram of Watchdog Timer
Table 13.1
Count Source Protection Mode
Item
Count Source Protection
Mode Disabled
Count Source Protection
Mode Enabled
Count source
CPU clock
Low-speed on-chip oscillator
clock
Count operation
Decrement
Count start condition
Either of the following can be selected
• After reset, count starts automatically
• Count starts by writing to WDTS register
Count stop condition
Stop mode, wait mode
None
Reset condition of watchdog
timer
• Reset
• Write 00h to the WDTR register before writing FFh
• Underflow
Operation at the time of underflow Watchdog timer interrupt or
watchdog timer reset
Watchdog timer reset
CPU clock
1/16
1/128
Watchdog timer
Internal
reset signal
Write to WDTR register
WDC7 = 0
WDC7 = 1
Set to
7FFFh(1)
PM12 = 1
Watchdog
timer reset
PM12 = 0
Watchdog timer
interrupt request
Prescaler
CSPRO = 0
fOCO-S
CSPRO = 1
CSPRO: Bit in CSPR register
WDC7: Bit in WDC register
PM12: Bit in PM1 register
NOTE:
1. When the CSPRO bit is set to 1 (count source protection mode enabled), 0FFFh is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com