Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 140 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 140 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 136Page - Renesas Technology Corp R8C/29 Datasheet HTML 137Page - Renesas Technology Corp R8C/29 Datasheet HTML 138Page - Renesas Technology Corp R8C/29 Datasheet HTML 139Page - Renesas Technology Corp R8C/29 Datasheet HTML 140Page - Renesas Technology Corp R8C/29 Datasheet HTML 141Page - Renesas Technology Corp R8C/29 Datasheet HTML 142Page - Renesas Technology Corp R8C/29 Datasheet HTML 143Page - Renesas Technology Corp R8C/29 Datasheet HTML 144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 471 page
background image
R8C/28 Group, R8C/29 Group
12. Interrupts
Rev.2.10
Sep 26, 2008
Page 123 of 441
REJ09B0279-0210
Figure 12.18
Registers AIER and RMAD0 to RMAD1
Address Match Interrupt Enable Register
Symbol
Address
After Reset
AIER
0013h
00h
Bit Symbol
Bit Name
Function
RW
—
(b7-b2)
—
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
b7 b6 b5 b4
0 : Disable
1 : Enable
RW
b3 b2 b1 b0
Address match interrupt 0 enable bit 0 : Disable
1 : Enable
RW
AIER1
Address match interrupt 1 enable bit
AIER0
Address Match Interrupt Register i (i = 0 or 1)
b0
Symbol
Address
After Reset
RMAD0
0012h-0010h
000000h
RMAD1
0016h-0014h
000000h
Setting Range
RW
(b23)
b7
—
—
(b7-b4)
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
Address setting register for address match interrupt
00000h to FFFFFh
Function
RW
(b19)
b3
(b15)
b7
(b8)
b0 b7
(b16)
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com